Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCA7A10BSB1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCA7A10BSB1
Description  IDC IDC CABLE SOCKET 1.27mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCA7A10BSB1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCA7A10BSB1 Datasheet HTML 1Page - Dubilier DBCIDCA7A10BSB1 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
337
Material & Finish
Contact Material:
Phosphor Bronze
Insulator Material:
PBT, glass reinforced, rated UL 94V-0
Current Rating:
1 Amp
Contact Resistance:
30M Ω Max.
Insulator Resistance:
1000M Ω Min.
Dielectric Withstanding
Voltage:
250V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Terminated with 0.635mm pitch flat ribbon cable
IDC
IDC CABLE SOCKET 1.27mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
1.27mm pitch
2.54mm row spacing
DBC
IDC
A7A
26
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
S=Selective
*=Other Plating
available
10=10way
14=14way
16=16way
20=20way
26=26way
30=30way
34=34way
50=50way
60=60way
68=68way
70=70way
80=80way
90=90way
100=100way
Contact Material
B=Phosphor
Bronze
B
G
Nº of Ways
SPECIFICATION
Colour
1=Black
1
B
6.0
1.27
2.54
7.8
A
9.6
7.8
9.6
A
B
6.0
1.27
5.4
2.5
2.54
6.8
(8.0)
TERMINATED
HEIGHT
(10.75)
TERMINATED
HEIGHT
Strain Relief
A=With
B=Without
A
Position
A
B
10
11.20
5.08
14
13.74
7.62
16
15.01
8.89
20
17.55
11.43
26
21.36
15.24
30
23.90
17.78
34
26.44
20.32
40
30.25
24.13
50
36.60
30.48
60
42.95
36.83
68
48.03
41.91
70
49.30
43.18
80
55.65
49.53
90
62.00
55.88
100
68.35
62.23
5.4
2.5
RO
DUC
NEW
www.dubilier.co.uk


Similar Part No. - DBCIDCA7A10BSB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCA7A10BSB1 DUBILIER-DBCIDCA7A10BSB1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
More results

Similar Description - DBCIDCA7A10BSB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
   IDC IDC CABLE SOCKET
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
   IDC IDC CABLE SOCKET
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
logo
Yamaichi Electronics Co...
NFS-10A-0110BF YAMAICHI-NFS-10A-0110BF Datasheet
47Kb / 1P
   IDC Type Socket (1.27mm Pitch)
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG ADAM-TECH-FCS-XX-SG Datasheet
96Kb / 1P
   FLAT CABLE IDC SOCKET
logo
Samtec, Inc
HCSD-05-01-N SAMTEC-HCSD-05-01-N Datasheet
231Kb / 2P
   IDC SOCKET & TERMINAL CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com