Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCC5S50AS1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC5S50AS1
Description  IDC BOX HEADER STRAIGHT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC5S50AS1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC5S50AS1 Datasheet HTML 1Page - Dubilier DBCIDCC5S50AS1 Datasheet HTML 2Page - Dubilier DBCIDCC5S50AS1 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
333
IDC
BOX HEADER STRAIGHT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT & Glass-Fibre Reinforced UL-94V-0
Current Rating:
1 A DC
Contact Resistance:
30M Ω Max
Insulator Resistance:
3000M Ω Min
Dielectric Withstanding
Voltage:
250V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Industry compatible
Competitively priced
Gold plated contacts
2.00 mm pitch
A
B
4.0
3.0
2.0
0.54
5.6
5.5
2.0
A
B
4.0
3.0
2.0
0.54
5.6
5.5
2.0
DBC
IDC
C5
10
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
Colour
1=Black
10=10way
12=12way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
36=36way
40=40way
44=44way
50=50way
68=68way
Contact Material
A=Brass
A
G
1
Nº of Ways
Position
A
B
10
16.00
8.00
12
18.00
10.00
14
20.00
12.00
16
22.00
14.00
20
26.00
18.00
26
32.00
24.00
30
36.00
28.00
34
40.00
32.00
36
42.00
34.00
40
46.00
38.00
44
50.00
42.00
50
56.00
48.00
68
74.00
66.00
www.dubilier.co.uk


Similar Part No. - DBCIDCC5S50AS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5S50AS1 DUBILIER-DBCIDCC5S50AS1 Datasheet
78Kb / 1P
   IDC BOX HEADER SMT 2.00mm
More results

Similar Description - DBCIDCC5S50AS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1_11 Datasheet
452Kb / 5P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
   IDC Box Header, SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com