Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZX5V6C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TZX5V6C
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX5V6C Datasheet(HTML) 3 Page - Vishay Siliconix

  TZX5V6C Datasheet HTML 1Page - Vishay Siliconix TZX5V6C Datasheet HTML 2Page - Vishay Siliconix TZX5V6C Datasheet HTML 3Page - Vishay Siliconix TZX5V6C Datasheet HTML 4Page - Vishay Siliconix TZX5V6C Datasheet HTML 5Page - Vishay Siliconix TZX5V6C Datasheet HTML 6Page - Vishay Siliconix TZX5V6C Datasheet HTML 7Page - Vishay Siliconix TZX5V6C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TZX-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 06-May-13
3
Document Number: 85614
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TZX7V5A
7
7.5
7.3
5
1
5
30
6.65
15
TZX7V5B
7.2
7.5
7.6
5
1
5
30
6.84
15
TZX7V5C
7.3
7.5
7.7
5
1
5
30
6.94
15
TZX7V5D
7.5
7.5
7.9
5
1
5
30
7.13
15
TZX7V5X
7.07
7.5
7.45
5
1
5
30
6.72
15
TZX8V2A
7.7
8.2
8.1
5
1
6.2
0.1
7.32
20
TZX8V2B
7.9
8.2
8.3
5
1
6.2
0.1
7.5
20
TZX8V2C
8.1
8.2
8.5
5
1
6.2
0.1
7.7
20
TZX8V2D
8.3
8.2
8.7
5
1
6.2
0.1
7.98
20
TZX9V1A
8.5
9.1
8.9
5
1
6.8
0.04
8.08
20
TZX9V1B
8.7
9.1
9.1
5
1
6.8
0.04
8.27
20
TZX9V1C
8.9
9.1
9.3
5
1
6.8
0.04
8.46
20
TZX9V1D
9.1
9.1
9.5
5
1
6.8
0.04
8.65
20
TZX9V1E
9.3
9.1
9.7
5
1
6.8
0.04
8.84
20
TZX10A
9.5
10
9.9
5
1
7.5
0.04
9.03
25
TZX10B
9.7
10
10.1
5
1
7.5
0.04
9.22
25
TZX10C
9.9
10
10.3
5
1
7.5
0.04
9.41
25
TZX10D
10.2
10
10.6
5
1
7.5
0.04
9.69
25
TZX11A
10.4
11
10.8
5
1
8.2
0.04
9.88
25
TZX11B
10.7
11
11.1
5
1
8.2
0.04
10.2
25
TZX11C
10.9
11
11.3
5
1
8.2
0.04
10.4
25
TZX11D
11.1
11
11.6
5
1
8.2
0.04
10.5
25
TZX12A
11.4
12
11.9
5
1
9.5
0.04
10.8
35
TZX12B
11.6
12
12.1
5
1
9.5
0.04
11
35
TZX12C
11.9
12
12.4
5
1
9.5
0.04
11.3
35
TZX12D
12.2
12
12.7
5
1
9.5
0.04
11.6
35
TZX12X
11.44
12
12.03
5
1
9.5
0.04
10.9
35
TZX13A
12.4
13
12.9
5
1
10
0.04
11.8
35
TZX13B
12.6
13
13.1
5
1
10
0.04
12
35
TZX13C
12.9
13
13.4
5
1
10
0.04
12.3
35
TZX14A
13.2
14
13.7
5
1
11
0.04
12.5
35
TZX14B
13.5
14
14
5
1
11
0.04
12.8
35
TZX14C
13.8
14
14.3
5
1
11
0.04
13.1
35
TZX15A
14.1
15
14.7
5
1
11.5
0.04
13.4
40
TZX15B
14.5
15
15.1
5
1
11.5
0.04
13.8
40
TZX15C
14.9
15
15.5
5
1
11.5
0.04
14.2
40
TZX15X
14.35
15
15.09
5
1
11.5
0.04
13.6
40
TZX16A
15.3
16
15.9
5
1
12
0.04
14.5
45
TZX16B
15.7
16
16.5
5
1
12
0.04
14.9
45
TZX16C
16.3
16
17.1
5
1
12
0.04
15.5
45
TZX18A
16.9
18
17.7
5
1
13
0.04
16.1
55
TZX18B
17.5
18
18.3
5
1
13
0.04
16.6
55
TZX18C
18.1
18
19
5
1
13
0.04
17.2
55
TZX20A
18.8
20
19.7
2
1
15
0.04
17.9
60
TZX20B
19.5
20
20.4
2
1
15
0.04
18.5
60
TZX20C
20.2
20
21.2
2
1
15
0.04
19.2
60
TZX22A
20.9
22
21.9
2
1
17
0.04
19.9
65
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST
CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IR at VR
IR at VR (1)
ZZ at IZT1
V
mA
μA
V
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.


Similar Part No. - TZX5V6C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZX5V6C VISHAY-TZX5V6C Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Diodes Incorporated
TZX5V6C DIODES-TZX5V6C Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX5V6C VISHAY-TZX5V6C Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX5V6C VISHAY-TZX5V6C Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX5V6C VISHAY-TZX5V6C Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX5V6C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com