Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZMC62 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZMC62
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZMC62 Datasheet(HTML) 2 Page - Vishay Siliconix

  TZMC62 Datasheet HTML 1Page - Vishay Siliconix TZMC62 Datasheet HTML 2Page - Vishay Siliconix TZMC62 Datasheet HTML 3Page - Vishay Siliconix TZMC62 Datasheet HTML 4Page - Vishay Siliconix TZMC62 Datasheet HTML 5Page - Vishay Siliconix TZMC62 Datasheet HTML 6Page - Vishay Siliconix TZMC62 Datasheet HTML 7Page - Vishay Siliconix TZMC62 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 84122
Rev. 1.4, 28-Feb-06
TZM-Series
Vishay Semiconductors
Electrical Characteristics
1) at T
j = 150 °C
Partnumber
Zener Voltage
Range
Dynamic
Resistance
Test Current
Reverse Leakage Current
Temperature
Coefficient of
Zener Voltage
VZ at IZT
rzjT at
IZT
rzjK at
IZK
IZT
IZK
IR
IR
1)
at VR
TKVZ
V
V
Ω
Ω
mA
mA
µA
µA
V
%/K
%/K
min
max
typ
typ
min
max
TZMC2V4
2.28
2.56
< 85
< 600
5
1
< 50
< 100
1
- 0.09
- 0.06
TZMC2V7
2.5
2.9
< 85
< 600
5
1
< 10
< 50
1
- 0.09
- 0.06
TZMC3V0
2.8
3.2
< 90
< 600
5
1
< 4
< 40
1
- 0.08
- 0.05
TZMC3V3
3.1
3.5
< 90
< 600
5
1
< 2
< 40
1
- 0.08
- 0.05
TZMC3V6
3.4
3.8
< 90
< 600
5
1
< 2
< 40
1
- 0.08
- 0.05
TZMC3V9
3.7
4.1
< 90
< 600
5
1
< 2
< 40
1
- 0.08
- 0.05
TZMC4V3
4
4.6
< 90
< 600
5
1
< 1
< 20
1
- 0.06
- 0.03
TZMC4V7
4.4
5
< 80
< 600
5
1
< 0.5
< 10
1
- 0.05
0.02
TZMC5V1
4.8
5.4
< 60
< 550
5
1
< 0.1
< 2
1
- 0.02
0.02
TZMC5V6
5.2
6
< 40
< 450
5
1
< 0.1
< 2
1
- 0.05
0.05
TZMC6V2
5.8
6.6
< 10
< 200
5
1
< 0.1
< 2
2
0.03
0.06
TZMC6V8
6.4
7.2
< 8
< 150
5
1
< 0.1
< 2
3
0.03
0.07
TZMC7V5
7
7.9
< 7
< 50
5
1
< 0.1
< 2
5
0.03
0.07
TZMC8V2
7.7
8.7
< 7
< 50
5
1
< 0.1
< 2
6.2
0.03
0.08
TZMC9V1
8.5
9.6
< 10
< 50
5
1
< 0.1
< 2
6.8
0.03
0.09
TZMC10
9.4
10.6
< 15
< 70
5
1
< 0.1
< 2
7.5
0.03
0.1
TZMC11
10.4
11.6
< 20
< 70
5
1
< 0.1
< 2
8.2
0.03
0.11
TZMC12
11.4
12.7
< 20
< 90
5
1
< 0.1
< 2
9.1
0.03
0.11
TZMC13
12.4
14.1
< 26
< 110
5
1
< 0.1
< 2
10
0.03
0.11
TZMC15
13.8
15.6
< 30
< 110
5
1
< 0.1
< 2
11
0.03
0.11
TZMC16
15.3
17.1
< 40
< 170
5
1
< 0.1
< 2
12
0.03
0.11
TZMC18
16.8
19.1
< 50
< 170
5
1
< 0.1
< 2
13
0.03
0.11
TZMC20
18.8
21.2
< 55
< 220
5
1
< 0.1
< 2
15
0.03
0.11
TZMC22
20.8
23.3
< 55
< 220
5
1
< 0.1
< 2
16
0.04
0.12
TZMC24
22.8
25.6
< 80
< 220
5
1
< 0.1
< 2
18
0.04
0,12
TZMC27
25.1
28.9
< 80
< 220
5
1
< 0.1
< 2
20
0.04
0.12
TZMC30
28
32
< 80
< 220
5
1
< 0.1
< 2
22
0.04
0.12
TZMC33
31
35
< 80
< 220
5
1
< 0.1
< 2
24
0.04
0.12
TZMC36
34
38
< 80
< 220
5
1
< 0.1
< 2
27
0.04
0.12
TZMC39
37
41
< 90
< 500
2.5
0.5
< 0.1
< 5
30
0.04
0.12
TZMC43
40
46
< 90
< 600
2.5
0.5
< 0.1
< 5
33
0.04
0.12
TZMC47
44
50
< 110
< 700
2.5
0.5
< 0.1
< 5
36
0.04
0.12
TZMC51
48
54
< 125
< 700
2.5
0.5
< 0.1
< 10
39
0.04
0.12
TZMC56
52
60
< 135
< 1000
2.5
0.5
< 0.1
< 10
43
0.04
0.12
TZMC62
58
66
< 150
< 1000
2.5
0.5
< 0.1
< 10
47
0.04
0.12
TZMC68
64
72
< 200
< 1000
2.5
0.5
< 0.1
< 10
51
0.04
0.12
TZMC75
70
79
< 250
< 1500
2.5
0.5
< 0.1
< 10
56
0.04
0.12


Similar Part No. - TZMC62

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZMC62 VISHAY-TZMC62 Datasheet
76Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZMC62 VISHAY-TZMC62 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
logo
TAITRON Components Inco...
TZMC62 TAITRON-TZMC62 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZMC62 VISHAY-TZMC62 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
TZMC62 VISHAY-TZMC62 Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
More results

Similar Description - TZMC62

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com