Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDC1114AS1 Datasheet(PDF) 2 Page - Dubilier

Part # DBCIDC1114AS1
Description  IDC IDC DIP PLUG (TRANSITION)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDC1114AS1 Datasheet(HTML) 2 Page - Dubilier

  DBCIDC1114AS1 Datasheet HTML 1Page - Dubilier DBCIDC1114AS1 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
326
A
B
1.27
6.0
3.5
B
7.8
7.62
10.6
A
B
1.27
6.0
3.5
B
7.8
7.62
10.6
A
B
1.27
6.0
3.5
B
7.8
7.62
10.6
A
B
1.27
6.0
3.5
B
7.8
7.62
10.6
IDC
IDC DIP PLUG - 7.62 SPACING
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Gold or tin plated contacts
2.54 mm pitch
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT & Glass-Fibre Reinforced UL-94V-0
Current Rating:
1 A DC
Contact Resistance:
30M Ω Max
Insulator Resistance:
3000M Ω Min
Dielectric Withstanding
Voltage:
500V AC for One Minute
Operating Temperature:
-40°C to + 105°C
DBC
IDC
13
10
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
T=Tin
S= Selective Gold
Colour
1=Black
08=8way
10=10way
14=14way
16=16way
18=18way
20=20way
24=24way
28=28way
34=34way
40=40way
T
Contact Material
A=Brass
A
1
Nº of Ways
Position
A
B
8
15.44
7.62
10
17.98
10.16
14
23.06
15.24
16
25.60
17.78
18
28.14
20.32
20
30.68
22.86
24
35.76
27.94
28
40.84
33.02
34
48.46
40.64
40
56.08
48.26
Cover Locked
10.6
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700


Similar Part No. - DBCIDC1114AS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC1114AS1 DUBILIER-DBCIDC1114AS1 Datasheet
101Kb / 1P
   IDC IDC DIP PLUG (TRANSITION)
More results

Similar Description - DBCIDC1114AS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
   IDC IDC DIP PLUG (TRANSITION)
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Adam Technologies, Inc.
FTR-XX-T-30-GY ADAM-TECH-FTR-XX-T-30-GY Datasheet
77Kb / 1P
   IDC DIP PLUG
FTR-XX-T ADAM-TECH-FTR-XX-T Datasheet
190Kb / 1P
   IDC DIP PLUG
logo
Dubilier
DBCIDC1310AT1 DUBILIER-DBCIDC1310AT1 Datasheet
112Kb / 1P
   IDC IDC DIP PLUG - 7.62 SPACING
logo
Adam Technologies, Inc.
FTR-XX-T-HT ADAM-TECH-FTR-XX-T-HT Datasheet
235Kb / 1P
   IDC DIP PLUG
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS40SG ADAM-TECH-2FCS40SG Datasheet
124Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
FTR-26-T-K01-02-25 ADAM-TECH-FTR-26-T-K01-02-25 Datasheet
104Kb / 1P
   IDC TRANSITION PLUG 26 POSITION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com