Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3D2270040150 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TR3D2270040150
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3D2270040150 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TR3D2270040150 Datasheet HTML 3Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 4Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 5Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 6Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 7Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 8Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 9Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 10Page - Vishay Siliconix TR3D2270040150 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 19-Jul-13
7
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT + 85 °C; 4 VDC AT 125 °C
100
C
TR3C107(1)6R3(2)0300
6.3
6
0.300
0.61
100
C
TR3C107(1)6R3(2)0250
6.3
6
0.250
0.66
100
C
TR3C107(1)6R3(2)0150
6.3
6
0.150
0.86
100
C
TR3C107(1)6R3(2)0125
6.3
6
0.125
0.94
100
C
TR3C107(1)6R3(2)0100
6.3
6
0.100
1.05
100
D
TR3D107(1)6R3(2)0150
6.3
6
0.150
1.00
100
D
TR3D107(1)6R3(2)0140
6.3
6
0.140
1.04
100
V
TR3V107(1)6R3(3)0200
6.3
8
0.200
0.79
100
V
TR3V107(1)6R3(3)0150
6.3
8
0.150
0.91
150
C
TR3C157(1)6R3(2)0300
9.4
8
0.300
0.61
150
C
TR3C157(1)6R3(2)0200
9.4
8
0.200
0.74
150
D
TR3D157(1)6R3(2)0150
9.4
8
0.150
1.00
150
D
TR3D157(1)6R3(2)0125
9.4
8
0.125
1.10
150
D
TR3D157(1)6R3(2)0075
9.4
8
0.075
1.41
150
D
TR3D157(1)6R3(2)0070
9.4
8
0.070
1.46
150
D
TR3D157(1)6R3(3)0050
9.4
8
0.050
1.73
150
E
TR3E157(1)6R3(2)0100
9.4
8
0.100
1.28
220
C
TR3C227(1)6R3(2)0300
13.9
14
0.300
0.61
220
C
TR3C227(1)6R3(2)0250
13.9
14
0.250
0.66
220
C
TR3C227(1)6R3(2)0225
13.9
14
0.225
0.70
220
D
TR3D227(1)6R3(2)0150
13.9
8
0.150
1.00
220
D
TR3D227(1)6R3(2)0100
13.9
8
0.100
1.22
220
D
TR3D227(1)6R3(3)0050
13.9
8
0.050
1.73
220
E
TR3E227(1)6R3(2)0150
13.9
8
0.150
1.05
220
E
TR3E227(1)6R3(2)0100
13.9
8
0.100
1.28
220
V
TR3V227(1)6R3(3)0100
13.9
10
0.100
1.12
220
V
TR3V227(1)6R3(3)0150
13.9
10
0.150
0.91
330
D
TR3D337(1)6R3(2)0150
20.8
8
0.150
1.00
330
D
TR3D337(1)6R3(2)0125
20.8
8
0.125
1.10
330
D
TR3D337(1)6R3(2)0100
20.8
8
0.100
1.22
330
D
TR3D337(1)6R3(2)0060
20.8
8
0.060
1.58
330
D
TR3D337(1)6R3(3)0050
20.8
8
0.050
1.73
330
D
TR3D337(1)6R3(3)0045
20.8
8
0.045
1.83
330
D
TR3D337(1)6R3(3)0035
20.8
8
0.035
2.07
330
E
TR3E337(1)6R3(2)0150
20.8
8
0.150
1.05
330
E
TR3E337(1)6R3(2)0100
20.8
8
0.100
1.28
330
E
TR3E337(1)6R3(2)0050
20.8
8
0.050
1.82
330
W
TR3W337(1)6R3(3)0100
20.8
8
0.100
1.58
330
W
TR3W337(1)6R3(3)0060
20.8
8
0.060
2.04
330
W
TR3W337(1)6R3(3)0040
20.8
8
0.040
2.50
470
D
TR3D477(1)6R3(2)0200
29.6
14
0.200
0.87
470
D
TR3D477(1)6R3(2)0150
29.6
14
0.150
1.00
470
D
TR3D477(1)6R3(2)0125
29.6
14
0.125
1.10
470
D
TR3D477(1)6R3(3)0100
29.6
14
0.100
1.22
470
E
TR3E477(1)6R3(2)0100
29.6
10
0.100
1.28
470
E
TR3E477(1)6R3(3)0065
29.6
10
0.065
1.59
470
E
TR3E477(1)6R3(3)0060
29.6
10
0.060
1.66
470
E
TR3E477(1)6R3(3)0050
29.6
10
0.050
1.82
470
W
TR3W477(1)6R3(3)0100
29.6
20
0.100
1.58
470
W
TR3W477(1)6R3(3)0060
29.6
20
0.060
2.04
470
W
TR3W477(1)6R3(3)0050
29.6
20
0.050
2.24
680
E
TR3E687(1)6R3(2)0100
42.8
20
0.100
1.28
1000
E
TR3E108M6R3(2)0200
63.0
30
0.200
0.91
1000
E
TR3E108M6R3(2)0150
63.0
30
0.150
1.05
1000
E
TR3E108M6R3(3)0100
63.0
30
0.100
1.28
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D


Similar Part No. - TR3D2270040150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3D227 VISHAY-TR3D227 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3D227100420100 VISHAY-TR3D227100420100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D227100420150 VISHAY-TR3D227100420150 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D227100430050 VISHAY-TR3D227100430050 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D227K004C0050 VISHAY-TR3D227K004C0050 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3D2270040150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com