Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N36-X000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 4N36-X000
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N36-X000 Datasheet(HTML) 1 Page - Vishay Siliconix

  4N36-X000 Datasheet HTML 1Page - Vishay Siliconix 4N36-X000 Datasheet HTML 2Page - Vishay Siliconix 4N36-X000 Datasheet HTML 3Page - Vishay Siliconix 4N36-X000 Datasheet HTML 4Page - Vishay Siliconix 4N36-X000 Datasheet HTML 5Page - Vishay Siliconix 4N36-X000 Datasheet HTML 6Page - Vishay Siliconix 4N36-X000 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4N35-X, 4N36-X, 4N37-X, 4N38
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-Jan-12
1
Document Number: 83717
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, with Base Connection
DESCRIPTION
This datasheet presents five families of Vishay industry
standard single channel phototransistor couplers. These
families include the 4N35, 4N36, 4N37, 4N38 couplers.
Each optocoupler consists of gallium arsenide infrared LED
and a silicon NPN phototransistor.
These couplers are Underwriters Laboratories (UL) listed to
comply with a 5000 VRMS isolation test voltage.
This isolation performance is accomplished through Vishay
double molding isolation manufacturing process. Comliance
to DIN EN 60747-5-5 partial discharge isolation specification
is available for these families by ordering option 1.
These isolation processes and the Vishay ISO9001 quality
program results in the highest isolation performance available
for a commecial plastic phototransistor optocoupler.
The devices are available in lead formed configuration suitable
for surface mounting and are available either on tape and reel,
or in standard tube shipping containers.
Note
• For additional design information see application note 45
normalized curves
FEATURES
• Isolation test voltage 5000 VRMS
• Interfaces with common logic families
• Input-output coupling capacitance < 0.5 pF
• Industry standard dual-in-line 6 pin package
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
APPLICATIONS
• AC mains detection
• Reed relay driving
• Switch mode power supply feedback
• Telephone ring detection
• Logic ground isolation
• Logic coupling with high frequency noise rejection
AGENCY APPROVALS
• UL file no. E52744 (pending)
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1
• BSI: EN 60065, EN 60950-1
•FIMKO
•CQC
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not put T on end.
1
2
3
6
5
4
B
C
E
A
C
NC
i179004-14
ORDERING INFORMATION
4
N
3
x
-
X
0##
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
10 mA
20 mA
UL, cUL, BSI, FIMKO
≥ 100
≥ 20
DIP-6
4N35-X000
4N36-X000
4N37-X000
4N38
DIP-6, 400 mil, option 6
4N35-X006
-
4N37-X006
-
SMD-6, option 7
4N35-X007T (1)
4N36-X007
4N37-X007
4N38-X007T (1)
SMD-6, option 9
4N35-X009T (1)
4N36-X009T (1)
4N37-X009
4N38-X009T
VDE, UL, cUL, BSI, FIMKO
≥ 100
≥ 20
DIP-6
4N35-X001
-
4N37-X001
-
DIP-6, 400 mil, option 6
4N35-X016
-
-
-
SMD-6, option 7
4N35-X017T (1)
--
-
SMD-6, option 9
4N35-X019T
-
-
-
7.62 mm
10.16 mm
> 8 mm
8 mm typ.
Option 7
Option 6
Option 9
DIP-6


Similar Part No. - 4N36-X000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N36-X007 VISHAY-4N36-X007 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
4N36-X009 VISHAY-4N36-X009 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
More results

Similar Description - 4N36-X000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com