Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCC4212BG1 Datasheet(PDF) 4 Page - Dubilier

Part # DBCIDCC4212BG1
Description  IDC BOX HEADER STRAIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC4212BG1 Datasheet(HTML) 4 Page - Dubilier

  DBCIDCC4212BG1 Datasheet HTML 1Page - Dubilier DBCIDCC4212BG1 Datasheet HTML 2Page - Dubilier DBCIDCC4212BG1 Datasheet HTML 3Page - Dubilier DBCIDCC4212BG1 Datasheet HTML 4Page - Dubilier DBCIDCC4212BG1 Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
346
Material & Finish
Contact Material:
Phosphor Bronze
Insulator Material:
Nylon 6T, glass reinforced, rated UL 94V-0
Current Rating:
1 Amp
Contact Resistance:
30M Ω Max.
Insulator Resistance:
1000M Ω Min.
Dielectric Withstanding
Voltage:
250V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Position
A
B
C
10
12.51
10.85
5.08
12
13.78
12.12
6.35
14
15.05
13.39
7.62
16
16.32
14.66
8.89
20
18.86
17.20
11.43
22
20.13
18.47
12.70
26
22.67
21.01
15.24
30
25.21
23.55
17.78
34
27.75
26.09
20.32
40
31.56
29.90
24.13
44
34.10
32.44
26.67
50
37.91
36.25
30.48
IDC
BOX HEADER SMT 1.27mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
1.27mm pitch
DBC
IDC
C44
26
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
S=Selective
*=Other Plating
available
10=10way
12=12way
14=14way
20=20way
22=22way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
Contact Material
B=Phosphor
Bronze
B
G
Nº of Ways
SPECIFICATION
Colour
1=Black
1
4.8
A
B
C
1.27
3.1
4.9
2.5
3.1
1.27
0.4*0.4
0.85
0.8
5.8
5.1
6.6
1.27
0.635
2.6
7.26
0.74
1.0
RO
DUC
NEW
www.dubilier.co.uk


Similar Part No. - DBCIDCC4212BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC4212BG1 DUBILIER-DBCIDCC4212BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
More results

Similar Description - DBCIDCC4212BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1_11 Datasheet
317Kb / 3P
   IDC BOX HEADER STRAIGHT
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
   IDC Box Header, SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com