Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2315BDS-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2315BDS-T1
Description  P-Channel 1.8-V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2315BDS-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2315BDS-T1 Datasheet HTML 1Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 2Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 3Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 4Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 5Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 6Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 7Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 8Page - Vishay Siliconix SI2315BDS-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72014
S-80642-Rev. E, 24-Mar-08
Vishay Siliconix
Si2315BDS
Notes:
a. For DESIGN AID ONLY, not subject to production testing.
b. Pulse test: PW
≤ 300 µs duty cycle ≤ 2 %.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 10 µA
- 12
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
- 0.90
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 6
A
VDS ≤ - 5 V, VGS = - 2.5 V
- 3
Drain-Source On Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 3.85 A
0.040
0.050
Ω
VGS = - 2.5 V, ID = - 3.4 A
0.050
0.065
VGS = - 1.8 V, ID = - 2.7 A
0.071
0.100
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 3.85 A
7S
Diode Forward Voltagea
VSD
IS = - 1.6 A, VGS = 0 V
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 4.5 V
ID ≅ - 3.85 A
815
nC
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
2.3
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
715
pF
Output Capacitance
Coss
275
Reverse Transfer Capacitance
Crss
200
Switchingb
Turn-On Time
td(on)
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1.0 A, VGEN = - 4.5 V
RG = 6 Ω
15
20
ns
tr
35
50
Turn-Off Time
td(off)
50
70
tf
50
75


Similar Part No. - SI2315BDS-T1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI2315BDS-T1-GE3 VBSEMI-SI2315BDS-T1-GE3 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI2315BDS-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com