Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3910 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3910
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3910 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFU3910 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3910 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFR/U3910
4
www.kersemi.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
4
8
12
16
20
0
5
10
15
20
25
30
35
40
45
Q
, T ota l G a te C h arg e (nC )
G
V
= 80 V
V
= 50 V
V
= 20 V
A
FO R TE S T C IR CUIT
SEE F IGU R E 13
I
= 9 .0A
D
DS
DS
DS
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 2 5°C
J
V
= 0 V
GS
V
, Source-to-D rain Vo ltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
1 0
100
1000
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J
0
200
400
600
800
1000
1200
1
1 0
100
DS
V
, D rain-to-S ourc e Vo ltage (V)
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
gd
ds
rss
g d
os s
d s
g d
C iss
C os s
C rs s


Similar Part No. - IRFU3910

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3910 IRF-IRFU3910 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
logo
Inchange Semiconductor ...
IRFU3910 ISC-IRFU3910 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU3910PBF IRF-IRFU3910PBF Datasheet
393Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3910PBF KERSEMI-IRFU3910PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFU3910PBF IRF-IRFU3910PBF Datasheet
397Kb / 11P
   Ultra Low On-Resistance
More results

Similar Description - IRFU3910

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com