Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU4105 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFU4105
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU4105 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFU4105 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU4105 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U4105
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 0.045Ω
ID = 27A…
Description
5/11/98
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
27
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
19
A
IDM
Pulsed Drain Current
‡
100
PD @TC = 25°C
Power Dissipation
68
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚‡
65
mJ
IAR
Avalanche Current
‡
16
A
EAR
Repetitive Avalanche Energy
‡
6.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθJA
Junction-to-Ambient (PCB mount) **
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D -P A K
T O -252 A A
I-P A K
TO -25 1A A
l Ultra Low On-Resistance
l Surface Mount (IRFR4105)
l Straight Lead (IRFU4105)
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD - 91302C
www.kersemi.com
1


Similar Part No. - IRFU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU4105 IRF-IRFU4105 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
logo
Inchange Semiconductor ...
IRFU4105 ISC-IRFU4105 Datasheet
290Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU4105PBF IRF-IRFU4105PBF Datasheet
240Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
More results

Similar Description - IRFU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com