Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS9957 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NDS9957
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS9957 Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
60
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 48 V, VGS = 0 V
1
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.5
3
V
T
A = 125°C
0.7
1.1
2.2
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 2.6 A
0.145
0.16
T
A = 125°C
0.25
0.3
V
GS = 4.5 V, ID = 2.1 A
0.19
0.25
T
A = 125°C
0.32
0.5
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
10
A
g
FS
Forward Transconductance
V
DS = 5 V, ID = 2.6 A
4
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 30 V, VGS = 0 V,
f = 1.0 MHz
200
pF
C
oss
Output Capacitance
60
pF
C
rss
Reverse Transfer Capacitance
20
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 30 V, ID = 1 A,
V
GS = 10 V,RGEN = 6
6
20
ns
t
r
Turn - On Rise Time
11
25
ns
t
D(off)
Turn - Off Delay Time
17
30
ns
t
f
Turn - Off Fall Time
4
15
ns
Q
g
Total Gate Charge
V
DS = 30 V,
I
D = 2.6 A, VGS = 10 V
7.5
12
nC
Q
gs
Gate-Source Charge
2.8
nC
Q
gd
Gate-Drain Charge
0.8
nC
NDS9957.SAM


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn