Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3711Z Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3711Z
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3711Z Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFU3711Z Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3711Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFR/U3711Z
2
www.kersemi.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
13
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.5
5.7
m
–––
6.2
7.8
VGS(th)
Gate Threshold Voltage
1.55
2.0
2.45
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
48
–––
–––
S
Qg
Total Gate Charge
–––
18
27
Qgs1
Pre-Vth Gate-to-Source Charge
–––
5.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
6.5
–––
Qgodr
Gate Charge Overdrive
–––
4.6
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.3
–––
Qoss
Output Charge
–––
9.8
–––
nC
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
13
–––
td(off)
Turn-Off Delay Time
–––
15
–––
ns
tf
Fall Time
–––
5.2
–––
Ciss
Input Capacitance
–––
2160
–––
Coss
Output Capacitance
–––
700
–––
pF
Crss
Reverse Transfer Capacitance
–––
360
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
93
f
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
370
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
19
28
ns
Qrr
Reverse Recovery Charge
–––
9.4
14
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
–––
VGS = 4.5V
Typ.
–––
–––
ID = 12A
VGS = 0V
VDS = 10V
Clamped Inductive Load
TJ = 25°C, IF = 12A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 12A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 10V, ID = 12A
VDS = 10V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 12A
VDS = 10V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A
e
VGS = 4.5V, ID = 12A
e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 125°C
Conditions
7.9
Max.
140
12
ƒ = 1.0MHz


Similar Part No. - IRFU3711Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3711Z IRF-IRFU3711Z Datasheet
219Kb / 11P
   HEXFET Power MOSFET
IRFU3711Z IRF-IRFU3711Z Datasheet
223Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRFU3711Z ISC-IRFU3711Z Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Kersemi Electronic Co.,...
IRFU3711ZC KERSEMI-IRFU3711ZC Datasheet
4Mb / 11P
   HEXFETPower MOSFET
logo
International Rectifier
IRFU3711ZCPBF IRF-IRFU3711ZCPBF Datasheet
293Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRFU3711Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com