Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3711ZPBF Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3711ZPBF
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3711ZPBF Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR3711ZPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRFR3711ZPBF Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRFR/U3711ZPbF
10
www.kersemi.com
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASSEMBLY
EXAMPLE:
WIT H AS S EMBLY
T HIS IS AN IRFU120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN T HE AS S EMBLY LINE "A"
AS S E MBLE D ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRFU120
INTE RNAT IONAL
LOGO
RECT IF IER
LOT CODE
919A
78
Note: "P" in ass embly line
pos ition indicates "Lead-Free"
OR
56
78
AS S EMBLY
LOT CODE
RECTIF IER
LOGO
INT ERNAT IONAL
IRFU120
PART NUMBE R
WE EK 19
DATE CODE
YEAR 9 = 1999
A = AS S EMBLY S IT E CODE
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPTIONAL)


Similar Part No. - IRFR3711ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3711ZPBF IRF-IRFR3711ZPBF Datasheet
267Kb / 12P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3711ZPBF KERSEMI-IRFR3711ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRFR3711ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com