Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB50N06VL Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTB50N06VL
Description  TMOS POWER FET 42 AMPERES 60 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB50N06VL Datasheet(HTML) 2 Page - Motorola, Inc

  MTB50N06VL Datasheet HTML 1Page - Motorola, Inc MTB50N06VL Datasheet HTML 2Page - Motorola, Inc MTB50N06VL Datasheet HTML 3Page - Motorola, Inc MTB50N06VL Datasheet HTML 4Page - Motorola, Inc MTB50N06VL Datasheet HTML 5Page - Motorola, Inc MTB50N06VL Datasheet HTML 6Page - Motorola, Inc MTB50N06VL Datasheet HTML 7Page - Motorola, Inc MTB50N06VL Datasheet HTML 8Page - Motorola, Inc MTB50N06VL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MTB50N06VL
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = .25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
64
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.4
4.3
2.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 5 Vdc, ID = 21 Adc)
RDS(on)
0.025
0.032
Ohms
Drain–to–Source On–Voltage
(VGS = 5 Vdc, ID = 42 Adc)
(VGS = 5 Vdc, ID = 21 Adc, TJ = 150°C)
VDS(on)
1.6
1.5
Vdc
Forward Transconductance (VDS = 6 Vdc, ID = 20 Adc)
gFS
17
28
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1570
2200
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
508
710
Transfer Capacitance
f = 1.0 MHz)
Crss
135
270
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 30 Vdc, ID = 42 Adc,
VGS = 5 Vdc,
RG = 9.1 Ω)
td(on)
16
30
ns
Rise Time
(VDD = 30 Vdc, ID = 42 Adc,
VGS = 5 Vdc,
RG = 9.1 Ω)
tr
355
701
Turn–Off Delay Time
VGS = 5 Vdc,
RG = 9.1 Ω)
td(off)
80
160
Fall Time
G = 9.1 Ω)
tf
160
320
Gate Charge
(See Figure 8)
(VDS = 48 Vdc, ID = 42 Adc,
VGS = 5 Vdc)
QT
40
60
nC
(See Figure 8)
(VDS = 48 Vdc, ID = 42 Adc,
VGS = 5 Vdc)
Q1
11
(VDS = 48 Vdc, ID = 42 Adc,
VGS = 5 Vdc)
Q2
20
Q3
16
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 42 Adc, VGS = 0 Vdc)
(IS = 42 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
1.03
0.94
2.5
Vdc
Reverse Recovery Time
(IS = 42 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
91.1
ns
(IS = 42 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
63.8
(IS = 42 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
27.3
Reverse Recovery Stored Charge
QRR
0.299
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTB50N06VL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB50N06VL ONSEMI-MTB50N06VL Datasheet
264Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTB50N06VLT4 ONSEMI-MTB50N06VLT4 Datasheet
264Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTB50N06VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP50N06VL MOTOROLA-MTP50N06VL Datasheet
195Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.032 OHM
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com