Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB50N06VL Datasheet(PDF) 4 Page - Motorola, Inc

Part # MTB50N06VL
Description  TMOS POWER FET 42 AMPERES 60 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB50N06VL Datasheet(HTML) 4 Page - Motorola, Inc

  MTB50N06VL Datasheet HTML 1Page - Motorola, Inc MTB50N06VL Datasheet HTML 2Page - Motorola, Inc MTB50N06VL Datasheet HTML 3Page - Motorola, Inc MTB50N06VL Datasheet HTML 4Page - Motorola, Inc MTB50N06VL Datasheet HTML 5Page - Motorola, Inc MTB50N06VL Datasheet HTML 6Page - Motorola, Inc MTB50N06VL Datasheet HTML 7Page - Motorola, Inc MTB50N06VL Datasheet HTML 8Page - Motorola, Inc MTB50N06VL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MTB50N06VL
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are determined
by how fast the FET input capacitance can be charged by
current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate
drive current. The voltage is determined by Ldi/dt, but since
di/dt is a function of drain current, the mathematical solution
is complex. The MOSFET output capacitance also compli-
cates the mathematics. And finally, MOSFETs have finite
internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance is
difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely
operated into an inductive load; however, snubbing reduces
switching losses.
5
0
10
5
20
10
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
VGS
VDS
4000
3000
2000
1000
0
TJ = 25°C
VDS = 0 V
Ciss
Coss
Crss
15
VGS = 0 V
Ciss
Crss
5000
25
6000


Similar Part No. - MTB50N06VL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB50N06VL ONSEMI-MTB50N06VL Datasheet
264Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTB50N06VLT4 ONSEMI-MTB50N06VLT4 Datasheet
264Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTB50N06VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP50N06VL MOTOROLA-MTP50N06VL Datasheet
195Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.032 OHM
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com