Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB16N60L Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFB16N60L
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB16N60L Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFB16N60L Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB16N60L Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB16N60L Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB16N60L Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB16N60L Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB16N60L Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB16N60L Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IRFB16N60L, SiHFB16N60L
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
100
200
300
400
500
600
700
VDS, Drain-to-Source Voltage (V)
0
5
10
15
20
25
0
10
203040
5060
70
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 480V
VDS= 300V
VDS= 120V
ID= 15A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
TJ = 25°C
TJ = 150°C
VGS = 0V
www.kersemi.com


Similar Part No. - IRFB16N60L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB16N60L IRF-IRFB16N60L Datasheet
149Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFB16N60L VISHAY-IRFB16N60L Datasheet
182Kb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
logo
Inchange Semiconductor ...
IRFB16N60L ISC-IRFB16N60L Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFB16N60LPBF IRF-IRFB16N60LPBF Datasheet
195Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFB16N60LPBF VISHAY-IRFB16N60LPBF Datasheet
182Kb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
More results

Similar Description - IRFB16N60L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com