Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB16N50K Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part No. IRFB16N50K
Description  Low Gate Charge Qg Results in Simple Drive Requirement
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KERSEMI [Kersemi Electronic Co., Ltd.]
Homepage  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB16N50K Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFB16N50K Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Power MOSFET
IRFB16N50K, SiHFB16N50K
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
•Low RDS(on)
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
• Hard Switched and High Frequency Circuits
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. Starting TJ = 25 °C, L = 2.2 mH, RG = 25 Ω, IAS = 17 A.
c. ISD ≤ 17 A, dI/dt ≤ 500 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
0.285
Qg (Max.) (nC)
89
Qgs (nC)
27
Qgd (nC)
43
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRFB16N50KPbF
SiHFB16N50K-E3
SnPb
IRFB16N50K
SiHFB16N50K
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
17
A
TC = 100 °C
11
Pulsed Drain Currenta
IDM
68
Linear Derating Factor
2.3
W/°C
Single Pulse Avalanche Energyb
EAS
310
mJ
Repetitive Avalanche Currenta
IAR
17
A
Repetitive Avalanche Energya
EAR
28
mJ
Maximum Power Dissipation
TC = 25 °C
PD
280
W
Peak Diode Recovery dV/dtc
dV/dt
11
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
www.kersemi.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn