Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB13N50A Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part No. IRFB13N50A
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KERSEMI [Kersemi Electronic Co., Ltd.]
Homepage  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB13N50A Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFB13N50A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IRFB13N50A, SiHFB13N50A
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
0.01
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
TJ = 25 °C
VDS, Drain-to-Source Voltage (V)
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
TJ = 150 °C
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
VDS, Drain-to-Source Voltage (V)
4.5V
0.1
1
10
100
4
6
8
10
12
14
16
V
DS = 50
20μs PULSE WIDTH
VGS, Gate-to-Source Voltage (V)
TJ = 25 °C
TJ= 150 °C
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TJ, Junction Temperature (°C)
VGS = 10V
ID = 14A
www.kersemi.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn