Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB13N50A Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part No. IRFB13N50A
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KERSEMI [Kersemi Electronic Co., Ltd.]
Homepage  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB13N50A Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  IRFB13N50A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
IRFB13N50A, SiHFB13N50A
Fig. 14 - For N-Channel
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
VGS = 10 V*
VDD
ISD
Driver gate drive
D.U.T. ISD waveform
D.U.T. VDS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5 V for logic level devices
Peak Diode Recovery dV/dt Test Circuit
VDD
• dV/dt controlled by R
G
• Driver same type as D.U.T.
• ISD controlled by duty factor "D"
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
RG
www.kersemi.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn