Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB13N50A Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part No. IRFB13N50A
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KERSEMI [Kersemi Electronic Co., Ltd.]
Homepage  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB13N50A Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRFB13N50A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
IRFB13N50A, SiHFB13N50A
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
25
50
75
100
125
150
0
230
460
690
920
1150
Starting Tj, Junction Temperature (°C)
ID
TOP
BOTTOM
6.3A
8.9A
14A
Q
GS
Q
GD
Q
G
VG
Charge
V
GS
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
www.kersemi.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn