Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB13N50A Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part No. IRFB13N50A
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KERSEMI [Kersemi Electronic Co., Ltd.]
Homepage  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB13N50A Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFB13N50A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB13N50A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IRFB13N50A, SiHFB13N50A
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
12
24
36
48
60
0
2
5
7
10
12
OG, Total Gate Charge (nC)
ID = 14A
VDS = 100 V
VDS = 250V
VDS = 400V
0.1
1
10
100
0.2
0.5
0.8
1.1
1.4
VSD, Source-to-Drain Voltage (V)
VGS = 0 V
TJ = 25 °C
TJ = 150 °C
10
100
1000
10000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
www.kersemi.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn