Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS9936 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NDS9936
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS9936 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDS9936.SAM
-50
-25
0
25
50
75
100
125
150
0.9
0.95
1
1.05
1.1
1.15
T
, JUNCTION TEMPERATURE (°C)
I
= 250µA
D
J
0.2
0.4
0.6
0.8
1
1.2
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 5A
V
= 15V
D
DS
0.1
0.2
0.5
1
2
5
10
20
30
100
200
300
500
1000
1500
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
G
D
S
VDD
R L
V
V
IN
OUT
V
GS
DUT
R
GEN
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE W IDTH
Figure 7. Breakdown Voltage Variation with
Temperature.
Figure 8. Body Diode Forward Voltage Variation
with Current and Temperature.
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Figure 11. Switching Test Circuit.
Figure 12. Switching Waveforms.
Typical Electrical Characteristics (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn