Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS9936 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NDS9936
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS9936 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NDS9936.SAM
0
1
2
3
0
6
12
18
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
=10V
GS
6.0 5.0 4.5
4.0
3.5
2.5
3.0
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I
= 5A
D
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I
= 250µA
D
V
= V
DS
GS
0
2
4
6
8
10
0.8
1
1.2
1.4
1.6
1.8
2
I
, DRAIN CURRENT (A)
V
= 3.5V
GS
D
4.0
6.0
10
4.5
5.0
0
2
4
6
8
10
0.5
1
1.5
2
2.5
I , DRAIN CURRENT (A)
D
V
= 4.5 V
4 .5V
10V
4 .5V
10V
10V
GS
T (°C) 125
25
-55
J
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Gate Voltage
and Drain Current.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation with Drain
Current and Temperature.
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation with
Temperature.
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
V
, GATE TO SOURCE VOLTAGE (V)
25
125
V
= 15V
DS
GS
T = -55°C
J


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn