Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS9936 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. NDS9936
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS9936 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuos Drain-Source Diode Forward Current
1.7
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 1.7 A (Note 2)
0.78
1.2
V
t
rr
Reverse Recovery Time
V
GS = 0V, IF = 5 A, dIF/dt = 100 A/µs
70
160
ns
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
PD
(t) = TJTA
R
θJ A(t) =
TJTA
R
θJ C+CA(t)
= I
D
2
(t) × R
DS
(ON ) T
J
Typical R
θJA for single device operation using the board layouts shown below on 4.5"x5" FR-4 PCB in a still air environment:
a. 78oC/W when mounted on a 0.5 in2 pad of 2oz copper.
b. 125oC/W when mounted on a 0.02 in2 pad of 2oz copper.
c. 135oC/W when mounted on a 0.003 in2 pad of 2oz copper.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
NDS9936.SAM
1a
1b
1c


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn