Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3504ZPBF Datasheet(PDF) 11 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3504ZPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3504ZPBF Datasheet(HTML) 11 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU3504ZPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRFU3504ZPBF Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRFR/U3504ZPbF
www.kersemi.com
11
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.09mH
RG = 25Ω, IAS = 42A, VGS =10V. Part not
recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
Notes:
„ Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
† This value determined from sample failure population. 100%
tested to this value in production.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH


Similar Part No. - IRFU3504ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3504ZPBF IRF-IRFU3504ZPBF Datasheet
268Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFU3504ZPBF KERSEMI-IRFU3504ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRFU3504ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com