Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURH840CT Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MURH840CT
Description  ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MURH840CT Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MURH840CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MURH840CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MURH840CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MURH840CT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURH840CT
http://kersemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
Average Rectified Forward Current
(TC = 155°C) Per Leg
Total Device
IF(AV)
4.0
8.0
A
Peak Repetitive Forward Current per Diode Leg
(Square Wave, 20 kHz, TC = 149°C)
IFM
8.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Controlled Avalanche Energy
WAVAL
20
mJ
Operating Junction and Storage Temperature Range
TJ, Tstg
−65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Conditions
Symbol
Max
Unit
Maximum Thermal Resistance, Junction−to−Case
Min. Pad
RqJC
3.0
°C/W
Maximum Thermal Resistance, Junction−to−Ambient
Min. Pad
RqJA
60
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typical
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 4.0 A, Tj = 150°C)
(iF = 4.0 A, Tj = 25°C)
vF
1.12
1.45
1.9
2.2
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, Tj = 150°C)
(Rated dc Voltage, Tj = 25°C)
iR
300
4.0
500
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
trr
28
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
0.4
0.8
1.2
1.6
2.0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
2.4
2.8
3.2
100
10
1.0
0.1
175
°C
150
°C
100
°C
25
°C
0.6 1.0 1.4
1.8
2.2
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
2.6 3.0
5.0
100
10
1.0
0.1
175
°C
150
°C
100
°C
25
°C
3.4
3.8 4.2 4.6


Similar Part No. - MURH840CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
Micro Commercial Compon...
MURH840CT MCC-MURH840CT Datasheet
150Kb / 2P
   8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
logo
Shanghai Lunsure Electr...
MURH840CT CHENYI-MURH840CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
123Kb / 4P
   MEGAHERTZ??Power Rectifier
June, 2008 ??Rev. 5
More results

Similar Description - MURH840CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
logo
Motorola, Inc
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
logo
ON Semiconductor
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
Rectron Semiconductor
MUR820P RECTRON-MUR820P Datasheet
137Kb / 8P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com