Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF640NLPBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRF640NLPBF
Description  Advanced Process Technology Dynamic dv/dt Rating 175 Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF640NLPBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF640NLPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF640NLPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
IRF640NPbF/SPbF/LPbF
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 11A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
167 251
ns
TJ = 25°C, IF = 11A
Qrr
Reverse Recovery Charge
–––
929 1394
nC
di/dt = 100A/µs
ƒ
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
18
72
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.25 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.15
VGS = 10V, ID = 11A
ƒ
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.8
–––
–––
S
VDS = 50V, ID = 11A
ƒ
–––
–––
25
µA
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
67
ID = 11A
Qgs
Gate-to-Source Charge
–––
–––
11
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
33
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
10
–––
VDD = 100V
tr
Rise Time
–––
19
–––
ID = 11A
td(off)
Turn-Off Delay Time
–––
23
–––
RG = 2.5Ω
tf
Fall Time
–––
5.5
–––
RD = 9.0Ω, See Fig. 10
ƒ
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 1160 –––
VGS = 0V
Coss
Output Capacitance
–––
185
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
53
–––
pF
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
www.kersemi.com


Similar Part No. - IRF640NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF640NLPBF IRF-IRF640NLPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
IRF640NLPBF IRF-IRF640NLPBF Datasheet
341Kb / 11P
   Advanced Process Technology
IRF640NLPBF IRF-IRF640NLPBF Datasheet
341Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF640NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP150MPBF IRF-IRFP150MPBF Datasheet
1Mb / 8P
   Advanced Process Technology, Dynamic dv/dt Rating
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
   Dynamic dv/dt Rating
logo
International Rectifier
IRLL2705TRPBF IRF-IRLL2705TRPBF Datasheet
231Kb / 9P
   DYNAMIC DV/DT RATING
logo
Kersemi Electronic Co.,...
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
   Dynamic dV/dT Rating
2015-11-23
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
   Dynamic dV/dt Rating
logo
Kersemi Electronic Co.,...
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com