Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS9400A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NDS9400A
Description  Single P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS9400A Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDS9400A.SAM
-50
-25
0
25
50
75
100
125
150
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
T
, JUNCTION TEMPERATURE (°C)
I
= -250µA
D
J
0.2
0.4
0.6
0.8
1
1.2
1.4
0.001
0.01
0.1
0.5
1
5
10
-V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
0
2
4
6
8
10
12
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= -3.4A
D
V
= -10V
DS
-20V
-15V
0.1
0.2
0.5
1
2
5
10
30
50
100
200
300
500
800
1000
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
Figure 7. Breakdown Voltage Variation with
Temperature.
Figure 8. Body Diode Forward Voltage
Variation with Current and Temperature
.
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Typical Electrical Characteristics (continued)
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
6
I
, DRAIN CURRENT (A)
T = -55°C
J
25°C
125°C
V
= -15V
DS
D
Figure 11. Transconductance Variation with Drain
Current and Temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn