Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS9400A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NDS9400A
Description  Single P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS9400A Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NDS9400A.SAM
-5
-4
-3
-2
-1
0
-20
-15
-10
-5
0
V
, DRAIN-SOURCE VOLTAGE (V)
V
= -10V
GS
DS
-4.0
-6.0
-5.0
-4.5
-7.0
-3.5
-8.0
-3.0
-5.5
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -10V
GS
I = -3.4A
D
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
I
= -250µA
D
V
= V
DS
GS
J
-15
-12
-9
-6
-3
0
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
D
V
= -3.5V
GS
-10
-6.0
-4.0
-8.0
-7.0
-5.0
-4.5
-5.5
-15
-12
-9
-6
-3
0
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
T = 125°C
J
25°C
-55°C
D
V
= -10V
GS
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current.
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with Drain
Current and Temperature.
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation with
Temperature.
-6
-5
-4
-3
-2
-1
-10
-8
-6
-4
-2
0
V
, GATE TO SOURCE VOLTAGE (V)
V
= -10V
DS
GS
T = -55°C
J
25°C
125°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn