Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPD3015-154ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPD3015-154ML
Description  Coupled Inductors ??LPD3015
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD3015-154ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPD3015-154ML Datasheet HTML 1Page - Coilcraft lnc. LPD3015-154ML Datasheet HTML 2Page - Coilcraft lnc. LPD3015-154ML Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 661-1 Revised 03/31/11
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 661-1 Revised 09/13/11
Document 661-1
Core material Ferrite
Core and winding loss Go to online calculator
Weight 45 – 52 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 100 Vrms
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
Dimensions are in
inches
mm
CoupledInductors– LPD3015 ForSEPICandother
Applications
0.118 ±0.003
3,00 ±0,076
0.118 ±0.003
3,00 ±0,076
0.055 ±0.004
1,4 ±0,1
Dash
number
Internal
code
XXXX
Dot indicates pin 1
14
2
3
0.039
0,99
0.130
3,30
0.094
2,30
0.094
2,30
0.040
1,02
0.040
1,02
0.130
3,30
0.022
0,54
45°
typ
1
4
2
3
*
Height dimension is without optional
solder applied. Maximum height with
solder applied is 0.061 inches/ 1,56 mm.
*
2
1
4
3
L1
L2
L1
L2
+
+
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
D
D
C
C
SW
Typical Buck Converter with auxiliary output
Typical SEPIC schematic
VOUT
VOUT
VOUT
AUX
VIN
VIN
L1
L2
Q
C1
C
++
––
D
• Only 1.4 mm high and 3 mm square
• Ideal for use in flyback, multi-output buck and SEPIC
applications.
• High inductance, high efficiency and excellent current
handling
• Can also be used as two single inductors connected in
series or parallel or as a common mode choke.


Similar Part No. - LPD3015-154ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-154ML COILCRAFT-LPD3015-154ML Datasheet
249Kb / 3P
   Coupled Inductors for SEPIC
LPD3015-154ML COILCRAFT-LPD3015-154ML Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPD3015-154MLB COILCRAFT-LPD3015-154MLB Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-154MLC COILCRAFT-LPD3015-154MLC Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
More results

Similar Description - LPD3015-154ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-333MLC COILCRAFT-LPD3015-333MLC Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPD3015-472MLB COILCRAFT-LPD3015-472MLB Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com