Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4753-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4753-TP
Description  1 Watt Zener Diode 3.3 to 75 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4753-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4753-TP Datasheet HTML 1Page - Micro Commercial Components DL4753-TP Datasheet HTML 2Page - Micro Commercial Components DL4753-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL4728
THRU
DL476
1
1 Watt
Zener Diode
3.3
to
75 Volts
Features
High Reliability
Very Sharp Reverse Characteristic
Low Reverse Current Level
Maximum Ratings
Operating Temperature: -65
to +175
Storage Temperature: -65
to +175
1 Watt DC Power Dissipation
Maximum Thermal Resistance: 100K/W Junction To Ambient
Test Conditions: I = 9.5mm(3/8”),TL = constant
Maximum Forward Voltage @ 200mA: 1.2 Volts
Figure 2 - Derating Curve
Power Dissipation (W) - Versus - Temperature
Temperature
25
100
150
200
W
0.5
1.0
Typical Temperature Coefficient (mV/
) – versus – Zener Voltage (VZ)
Figure 1 - Typical Temperature Coefficient
0
20
40
0
20
40
mV/
VZ
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
GLASS MELF
SUGGESTED SOLDER
PAD LAYOUT
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
A
B
C
Cathode Mark
.210”
.035”
.115”
Revision:
B
20
11/09/06
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
Lead in Glass Exemption Applied, see EU Directive Annex Notes 5.
Moisture Sensitivity Level 1


Similar Part No. - DL4753-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4753 MCC-DL4753 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
logo
Galaxy Semi-Conductor H...
DL4753 BILIN-DL4753 Datasheet
195Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
DL4753 LUGUANG-DL4753 Datasheet
192Kb / 3P
   Zener Diodes
logo
Micro Commercial Compon...
DL4753 MCC-DL4753 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4753 MCC-DL4753 Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
More results

Similar Description - DL4753-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com