Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK108-TP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK108-TP
Description  10 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK108-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  SK108-TP Datasheet HTML 1Page - Micro Commercial Components SK108-TP Datasheet HTML 2Page - Micro Commercial Components SK108-TP Datasheet HTML 3Page - Micro Commercial Components SK108-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SK102 thru SK1010
mAmps
1
100
4
0
100
200
300
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
400
500
600
MCC
SK102-SK1045
SK105-SK1010
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
mAmps
20
120
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
75
°C
2
5
°C
100
°C
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision:
C
20
13/01/01


Similar Part No. - SK108-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK108 MCC-SK108 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
logo
DIOTEC Electronics Corp...
SK108 DEC-SK108 Datasheet
424Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SK108 MCC-SK108 Datasheet
238Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK108 MCC-SK108 Datasheet
299Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Microdiode Electronics ...
SK108 CHENDA-SK108 Datasheet
155Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK108-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK102 MCC-SK102 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_13 Datasheet
371Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_11 Datasheet
238Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com