Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK108-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK108-TP
Description  10 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK108-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  SK108-TP Datasheet HTML 1Page - Micro Commercial Components SK108-TP Datasheet HTML 2Page - Micro Commercial Components SK108-TP Datasheet HTML 3Page - Micro Commercial Components SK108-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Average Forward Rectified Current - Amperes
versus Lead Temperature - C
Figure 2
Forward Derating Curve
60
80
120
140
160
180
0
2.0
4.0
6.0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
100
8.0
10
12
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
100
Junction Capacitance - pF versus
Reverse Voltage - Volts
pF
Volts
600
400
40
400
1000
TJ=25
°C
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Volts
40
60
200
100
Amps
.2
1.2
.4
.6
.8
1.0
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
400
600
100
1.4
SK102-SK1045
MCC
SK105-SK1010
SK102 thru SK1010
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Revision: C
2013/01/01


Similar Part No. - SK108-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK108 MCC-SK108 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
logo
DIOTEC Electronics Corp...
SK108 DEC-SK108 Datasheet
424Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SK108 MCC-SK108 Datasheet
238Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK108 MCC-SK108 Datasheet
299Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Microdiode Electronics ...
SK108 CHENDA-SK108 Datasheet
155Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK108-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK102 MCC-SK102 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_13 Datasheet
371Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_11 Datasheet
238Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com