Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK105-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK105-TP
Description  10 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK105-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SK105-TP Datasheet HTML 1Page - Micro Commercial Components SK105-TP Datasheet HTML 2Page - Micro Commercial Components SK105-TP Datasheet HTML 3Page - Micro Commercial Components SK105-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK102
THRU
SK1010
10 Amp Schottky
Rectifier
20 to 100 Volts
DO-214AB
(HSMC) (Round Lead)
Features
For Surface Mount Applications
High Current Capability With Low Forward Voltage
Easy Pick And Place
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance; 18
°C/W Junction To Lead
MST
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK102
SK102
20V
14V
20V
SK103
SK103
30V
21V
30V
SK104
SK104
40V
28V
40V
SK1045
SK1045
45V
31.5V
45V
SK105
SK105
50V
35V
50V
SK106
SK106
60V
42V
60V
SK108
SK108
80V
56V
80V
SK1010
SK1010
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
TL = 95
°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SK102-1045
SK105-1010
VF
.65V
.85V
IFM = 10.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
500pF
Measured at
1.0MHz, VR=4.0V
0.070”
0.190’
0.200”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
F
G
A
B
D
C
Cathode Band
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.705.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E.047
.056
1.20
1.42
F
.168
.179
4.27
4.55
G.309
.322
7.85
8.18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Revision:
C
20
13/01/01
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
SK1035
SK1035
3
5V
24
.5V
3
5V
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SK105-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK105 MCC-SK105 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK105 MCC-SK105 Datasheet
238Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK105 MCC-SK105 Datasheet
299Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Thinki Semiconductor Co...
SK105 THINKISEMI-SK105 Datasheet
761Kb / 2P
   10.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
SK105 THINKISEMI-SK105 Datasheet
779Kb / 2P
   10.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
More results

Similar Description - SK105-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK102 MCC-SK102 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_13 Datasheet
371Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_11 Datasheet
238Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com