Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO5022P-562ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO5022P-562ML
Description  SMT Power Inductors ??DO5022P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO5022P-562ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO5022P-562ML Datasheet HTML 1Page - Coilcraft lnc. DO5022P-562ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors – DO5022P Series
Document 172-2
Document 172-2 Revised 12/09/11
Typical L vs Current
0.1
1
10
100
1000
10000
0.11
10
100
Current (A)
1µH
100 µH
10 µH
1000 µH
Typical L vs Frequency
0.710 ±0.020
18,03 ±0,508
0.600
15,24
max
0.115
2,92
0.605
15,37
0.110
2,79
Recommended
Land Pattern
max
0.280
7,11
0.500
12,70dia
0.100
2,54
0.510 ±0.010
12,95 ±0,25
0.100
2,54
Dash number
Internal code
Start
Finish
Part Marking
*
*
Allowan additional 0.01/0,254
in length and 0.005/0,127 in
height for optional
tin-silver-copper application.
tin-lead and
*
0.01
0.1
110
0.1
1
10
100
0.01
0.1
110
1000
10000
Frequency (MHz)
1µH
10 µH
100 µH
1000 µH
Current Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - DO5022P-562ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5022P-562ML COILCRAFT-DO5022P-562ML Datasheet
227Kb / 2P
   SMT Power Inductors
DO5022P-562ML COILCRAFT-DO5022P-562ML Datasheet
250Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-562ML COILCRAFT-DO5022P-562ML Datasheet
243Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-562ML COILCRAFT-DO5022P-562ML Datasheet
250Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-562ML COILCRAFT-DO5022P-562ML Datasheet
517Kb / 2P
   SMT Power Inductors ??DO5022P
More results

Similar Description - DO5022P-562ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5022P-333 COILCRAFT-DO5022P-333 Datasheet
250Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-153 COILCRAFT-DO5022P-153 Datasheet
250Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-473MLD COILCRAFT-DO5022P-473MLD Datasheet
383Kb / 2P
   SMT Power Inductors - DO5022P
DO5022P COILCRAFT-DO5022P_15 Datasheet
517Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-223 COILCRAFT-DO5022P-223 Datasheet
243Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-104MLD COILCRAFT-DO5022P-104MLD Datasheet
250Kb / 2P
   SMT Power Inductors - DO5022P
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com