Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1608C-333L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO1608C-333L
Description  SMT Power Inductors ??DO1608C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1608C-333L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO1608C-333L Datasheet HTML 1Page - Coilcraft lnc. DO1608C-333L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors – DO1608C
Document 177-1
DCR
SRF
Irms (A)5
Part
L2
%
max
typ
Isat4 20°C 40°C
number1
(µH)
tol3 (Ohms) (MHz) (A)
rise
rise
DO1608C-102ML_
1.0
20
0.05
130
2.9
1.90
2.70
DO1608C-152ML_
1.5
20
0.06
115
2.6
1.90
2.65
DO1608C-222ML_
2.2
20
0.07
100
2.3
1.85
2.55
DO1608C-272ML_
2.7
20
0.08
75
2.1
1.80
2.45
DO1608C-332ML_
3.3
20
0.08
70
2.0
1.60
2.20
DO1608C-472ML_
4.7
20
0.09
50
1.5
1.40
1.90
DO1608C-682ML_
6.8
20
0.13
45
1.2
1.20
1.60
DO1608C-822ML_
8.2
20
0.16
40
1.15
1.10
1.55
DO1608C-103ML_
10
20
0.16
35
1.10
1.10
1.50
DO1608C-153ML_
15
20
0.23
30
0.90
0.90
1.25
DO1608C-223_L_
22
20,10
0.37
20
0.70
0.75
0.95
DO1608C-333_L_
33
20,10
0.51
15
0.58
0.60
0.80
DO1608C-473_L_
47
20,10
0.64
14
0.50
0.52
0.70
DO1608C-683_L_
68
20,10
0.86
11
0.40
0.44
0.60
DO1608C-104_L_
100
20,10
1.27
9.0
0.31
0.37
0.50
DO1608C-154_L_
150
20,10
2.00
6.0
0.27
0.28
0.39
DO1608C-224_L_
220
20,10
3.11
5.5
0.22
0.23
0.31
DO1608C-334_L_
330
20,10
3.80
5.0
0.18
0.22
0.30
DO1608C-474_L_
470
20,10
5.06
4.0
0.16
0.20
0.26
DO1608C-684_L_
680
20,10
9.20
3.0
0.14
0.14
0.19
DO1608C-105_L_ 1000
20,10
13.8
2.0
0.10
0.11
0.15
1. Please specify
tolerance, termination and packaging codes:
DO1608C-105MLC
Tolerance:
K = 10%, M = 20% (Table shows stock
tolerances in bold.)
Termination: L = RoHS compliant gold over nickel over
moly-manganese.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead
(63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 em-
bossed plastic tape (750 parts per full
reel).
B = Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added ($25
charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 em-
bossed plastic tape (2500 parts per full
reel).
2. Tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. Tolerances in bold are stocked for immediate shipment
4. DC current at which the inductance drops 10% (typ) from
its value without current.
5. Current that causes the specified temperature rise from 25°C
ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before
soldering.
Document 177-1 Revised 08/16/12
Designer’s Kit C377 contains 3 of each stocked part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant gold over nickel over moly-manganese.
Other terminations available at additional cost.
Weight 128– 164 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.28 mm thick, 4 mm pocket spacing, 3 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• High energy storage and very low resistance
• Defense Supply Center CID A-A-59742


Similar Part No. - DO1608C-333L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1608C-333KLB COILCRAFT-DO1608C-333KLB Datasheet
241Kb / 2P
   SMT Power Inductors - DO1608C
DO1608C-333KLC COILCRAFT-DO1608C-333KLC Datasheet
241Kb / 2P
   SMT Power Inductors - DO1608C
DO1608C-333KLD COILCRAFT-DO1608C-333KLD Datasheet
279Kb / 2P
   SMT Power Inductors DO1608C
DO1608C-333KLD COILCRAFT-DO1608C-333KLD Datasheet
280Kb / 2P
   SMT Power Inductors - DO1608C
DO1608C-333KLD COILCRAFT-DO1608C-333KLD Datasheet
241Kb / 2P
   SMT Power Inductors - DO1608C
More results

Similar Description - DO1608C-333L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1608C COILCRAFT-DO1608C_16 Datasheet
282Kb / 2P
   SMT Power Inductors ??DO1608C
DO1608C-472MLB COILCRAFT-DO1608C-472MLB Datasheet
279Kb / 2P
   SMT Power Inductors ??DO1608C
DO1608C-105MLC COILCRAFT-DO1608C-105MLC Datasheet
279Kb / 2P
   SMT Power Inductors DO1608C
DO1608C-222MLC COILCRAFT-DO1608C-222MLC Datasheet
280Kb / 2P
   SMT Power Inductors - DO1608C
DO1608C-104MLC COILCRAFT-DO1608C-104MLC Datasheet
241Kb / 2P
   SMT Power Inductors - DO1608C
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com