Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402CS-4N3X_L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402CS-4N3X_L
Description  Chip Inductors ??0402CS (1005)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402CS-4N3X_L Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402CS-4N3X_L Datasheet HTML 1Page - Coilcraft lnc. 0402CS-4N3X_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0402CS Series (1005)
Document 198-2 Revised 05/03/13
Document 198-2
Inductance2
Percent
900 MHz
1.7 GHz
SRF min5 DCR max6 Irms7
Part number1
(nH)
tolerance3
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402CS-1N0XJL_
1.0
5
1.02
77
1.02
69
12.70
0.045
1360
0402CS-1N2XJL_
1.2
5
1.17
28
1.17
38
12.90
0.090
740
0402CS-1N8XJL_
1.8
5,3,2
1.78
54
1.78
75
12.00
0.070
1040
0402CS-1N9XJL_
1.9
5,3,2
1.72
68
1.74
82
11.30
0.070
1040
0402CS-2N0X_L_
2.0
5,3,2
1.93
54
1.93
75
11.10
0.070
1040
0402CS-2N2X_L_
2.2
5,3,2
2.19
59
2.23
100
10.80
0.070
960
0402CS-2N4X_L_
2.4
5,3,2
2.24
51
2.27
68
10.50
0.068
790
0402CS-2N7X_L_
2.7
5,3,2
2.58
42
2.60
61
10.40
0.120
640
0402CS-3N3X_L_
3.3
5,3,2
3.10
65
3.12
87
7.00
0.066
840
0402CS-3N6X_L_
3.6
5,3,2
3.56
45
3.62
71
6.80
0.066
840
0402CS-3N9X_L_
3.9
5,3,2
3.89
50
4.00
75
6.00
0.066
840
0402CS-4N3X_L_
4.3
5,3,2
4.19
47
4.30
71
6.00
0.091
700
0402CS-4N7X_L_
4.7
5,3,2
4.55
48
4.68
68
4.77
0.130
640
0402CS-5N1X_L_
5.1
5,3,2
5.15
56
5.25
82
4.80
0.083
800
0402CS-5N6X_L_
5.6
5,3,2
5.16
54
5.28
81
4.80
0.083
760
0402CS-6N2X_L_
6.2
5,3,2
6.16
52
6.37
76
4.80
0.083
760
0402CS-6N8X_L_
6.8
5,3,2
6.56
63
6.93
78
4.80
0.083
680
0402CS-7N5X_L_
7.5
5,3,2
7.91
60
8.22
88
4.80
0.10
680
0402CS-8N2X_L_
8.2
5,3,2
8.50
57
8.85
84
4.40
0.10
680
0402CS-8N7X_L_
8.7
5,3,2
8.78
54
9.21
73
4.10
0.20
480
0402CS-9N0X_L_
9.0
5,3,2
9.07
62
9.53
78
4.16
0.10
680
0402CS-9N5X_L_
9.5
5,3,2
9.42
54
9.98
69
4.00
0.20
480
0402CS-10NX_L_
10
5,3,2
9.8
50
10.10
67
3.90
0.20
480
0402CS-11NX_L_
11
5,3,2
10.7
52
11.20
78
3.68
0.12
640
0402CS-12NX_L_
12
5,3,2
11.9
53
12.70
71
3.60
0.12
640
0402CS-13NX_L_
13
5,3,2
13.4
51
14.63
57
3.45
0.21
440
0402CS-15NX_L_
15
5,3,2
14.6
55
15.50
77
3.28
0.17
560
0402CS-16NX_L_
16
5,3,2
16.6
46
18.86
47
3.10
0.22
560
0402CS-18NX_L_
18
5,3,2
18.3
57
20.28
62
3.10
0.23
420
0402CS-19NX_L_
19
5,3,2
19.1
50
21.10
67
3.04
0.20
480
0402CS-20NX_L_
20
5,3,2
20.7
52
23.66
53
3.00
0.25
420
0402CS-22NX_L_
22
5,3,2
23.2
53
26.75
53
2.80
0.30
400
0402CS-23NX_L_
23
5,3,2
23.8
49
26.90
64
2.72
0.30
400
0402CS-24NX_L_
24
5,3,2
25.1
51
29.50
50
2.70
0.30
400
0402CS-27NX_L_
27
5,3,2
28.7
49
33.50
63
2.48
0.30
400
0402CS-30NX_L_
30
5,3,2
31.1
46
38.50
39
2.35
0.30
400
0402CS-33NX_L_
33
5,3,2
34.9
31
41.74
32
2.35
0.30
400
0402CS-36NX_L_
36
5,3,2
39.5
44
48.40
53
2.32
0.44
320
0402CS-39NX_L_
39
5,3,2
41.7
47
50.23
45
2.10
0.55
200
0402CS-40NX_L_
40
5,3,2
39.0
44
47.40
33
2.24
0.44
320
0402CS-43NX_L_
43
5,3,2
45.8
46
61.55
34
2.03
0.81
100
0402CS-47NX_L_
47
5,3,2
50.0
38
2.10
0.83
150
0402CS-51NX_L_
51
5,3,2
56.6
40
1.75
0.82
100
0402CS-56NX_L_
56
5,3,2
62.8
42
1.76
0.97
100
0402CS-68NX_L_
68
5,3,2
78.2
36
1.62
1.12
100
0402CS-82NX_L_
82
5,3,2
1.26
1.55
50
0402CS-R10X_L_
100
5,3,2
1.16
2.00
30
0402CS-R12X_L_
120
5,3,2
1.90
2.20
50
1. When ordering, specify
tolerance, termination and packaging codes:
0402CS-68NXJLW
Tolerance: G = 2% H = 3% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium- platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
Q = 7
″ machine-ready reel. EIA-481 punched paper
tape (5000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 250 MHz using a Coilcraft SMD-F test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286
impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. For SRF >6 GHz, measured using an Agilent/HP 8722ES network ana-
lyzer and a Coilcraft SMD-D test fixture. For SRF
≤6 GHz, measured
using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D
test fixture.
6. DCR measured on a micro-ohmmeter.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kits C328A and B contain 20 each of all 5% values
Designer’s Kits C328A-2 and B-2 contain 20 each of all 2% values


Similar Part No. - 0402CS-4N3X_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-4N3XGLQ COILCRAFT-0402CS-4N3XGLQ Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-4N3XGLU COILCRAFT-0402CS-4N3XGLU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-4N3XGLW COILCRAFT-0402CS-4N3XGLW Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-4N3XJLU COILCRAFT-0402CS-4N3XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
0402CS-4N3X_L COILCRAFT-0402CS-4N3X_L Datasheet
211Kb / 2P
   Chip Inductors
More results

Similar Description - 0402CS-4N3X_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-5N6XJLW COILCRAFT-0402CS-5N6XJLW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com