Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS8435 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDS8435
Description  Single P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS8435 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDS8435 Datasheet HTML 1Page - Fairchild Semiconductor NDS8435 Datasheet HTML 2Page - Fairchild Semiconductor NDS8435 Datasheet HTML 3Page - Fairchild Semiconductor NDS8435 Datasheet HTML 4Page - Fairchild Semiconductor NDS8435 Datasheet HTML 5Page - Fairchild Semiconductor NDS8435 Datasheet HTML 6Page - Fairchild Semiconductor NDS8435 Datasheet HTML 7Page - Fairchild Semiconductor NDS8435 Datasheet HTML 8Page - Fairchild Semiconductor NDS8435 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NDS8435 Rev. B2
-3
-2.5
-2
-1.5
-1
-0.5
0
-30
-25
-20
-15
-10
-5
0
V
, DRAIN-SOURCE VOLTAGE (V)
V
= -10V
GS
DS
-3.0
-2.5
-6.0
-3.5
-4.5
-5.0
-4.0
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
D
V
= -3.0V
GS
-10
-4.0
-5.0
-6.0
-4.5
-3.5
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Typical Electrical Characteristics
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -10V
GS
I
=-7.0A
D
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
T = 125°C
J
25°C
-55°C
D
V
= -10V
GS
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Drain Current and Temperature.
-6
-5
-4
-3
-2
-1
-20
-16
-12
-8
-4
0
V
, GATE TO SOURCE VOLTAGE (V)
V
= -10V
DS
GS
T
= -55°C
J
25°C
125°C
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
I
= -250µA
D
V
= V
DS
GS
J
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation
with Temperature.


Similar Part No. - NDS8435

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
NDS8435A UMW-NDS8435A Datasheet
548Kb / 7P
   -30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
NDS8435A-NL VBSEMI-NDS8435A-NL Datasheet
1,002Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NDS8435

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3056LSS DIODES-DMP3056LSS_17 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
FDS9435A FAIRCHILD-FDS9435A Datasheet
66Kb / 5P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8434A FAIRCHILD-NDS8434A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9435A FAIRCHILD-NDS9435A Datasheet
219Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
NDS8433 FAIRCHILD-NDS8433 Datasheet
332Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9400A FAIRCHILD-NDS9400A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMG4413LSS DIODES-DMG4413LSS Datasheet
90Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS DIODES-DMP3056LSS Datasheet
176Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com