Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4360-1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4360-1
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4360-1_12 Datasheet HTML 5Page - Analog Devices ADF4360-1_12 Datasheet HTML 6Page - Analog Devices ADF4360-1_12 Datasheet HTML 7Page - Analog Devices ADF4360-1_12 Datasheet HTML 8Page - Analog Devices ADF4360-1_12 Datasheet HTML 9Page - Analog Devices ADF4360-1_12 Datasheet HTML 10Page - Analog Devices ADF4360-1_12 Datasheet HTML 11Page - Analog Devices ADF4360-1_12 Datasheet HTML 12Page - Analog Devices ADF4360-1_12 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADF4360-1
Rev. C | Page 9 of 24
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 10. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed, and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
BUFFER
TO R COUNTER
REFIN
100k
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 10. Reference Input Stage
PRESCALER (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the A and B
counters, enables the large division ratio, N, to be realized (N =
BP + A). The dual-modulus prescaler, operating at CML levels,
takes the clock from the VCO and divides it down to a manage-
able frequency for the CMOS A and B counters. The prescaler is
programmable. It can be set in software to 8/9, 16/17, or 32/33
and is based on a synchronous 4/5 core. There is a minimum
divide ratio possible for fully contiguous output frequencies;
this minimum is determined by P, the prescaler value, and is
given by (P2−P).
A AND B COUNTERS
The A and B CMOS counters combine with the dual-modulus
prescaler to allow a wide range division ratio in the PLL feed-
back counter. The counters are specified to work when the
prescaler output is 300 MHz or less. Thus, with a VCO
frequency of 2.5 GHz, a prescaler value of 16/17 is valid, but a
value of 8/9 is not valid.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The
VCO frequency equation is
(
)
R
f
A
B
P
f
REFIN
VCO
/
×
]
+
×
[
=
where:
fVCO is the output frequency of the VCO.
P is the preset modulus of the dual-modulus prescaler (8/9,
16/17, and so on).
B is the preset divide ratio of the binary 13-bit counter (3 to 8191).
A is the preset divide ratio of the binary 5-bit swallow counter (0 to 31).
fREFIN is the external reference frequency oscillator.
N = BP + A
TO PFD
FROM VCO
N DIVIDER
MODULUS
CONTROL
LOAD
LOAD
13-BIT B
COUNTER
5-BIT A
COUNTER
PRESCALER
P/P+1
Figure 11. A and B Counters
R COUNTER
The 14-bit R counter allows the input reference frequency to
be divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.
PFD AND CHARGE PUMP
The PFD takes inputs from the R counter and N counter
(N = BP + A) and produces an output proportional to the phase
and frequency difference between them. Figure 12 is a simpli-
fied schematic. The PFD includes a programmable delay ele-
ment that controls the width of the antibacklash pulse. This
pulse ensures that there is no dead zone in the PFD transfer
function and minimizes phase noise and reference spurs. Two
bits in the R counter latch, ABP2 and ABP1, control the width
of the pulse (see Table 9).
PROGRAMMABLE
DELAY
U3
CLR2
Q2
D2
U2
CLR1
Q1
D1
CHARGE
PUMP
DOWN
UP
HI
HI
U1
ABP1
ABP2
R DIVIDER
N DIVIDER
CP OUTPUT
R DIVIDER
N DIVIDER
CP
CPGND
VP
Figure 12. PFD Simplified Schematic and Timing (In Lock)


Similar Part No. - ADF4360-1_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-1 AD-ADF4360-1_15 Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-1_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com