Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8099 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8099 Datasheet HTML 3Page - Analog Devices AD8099 Datasheet HTML 4Page - Analog Devices AD8099 Datasheet HTML 5Page - Analog Devices AD8099 Datasheet HTML 6Page - Analog Devices AD8099 Datasheet HTML 7Page - Analog Devices AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD8099
Data Sheet
Rev. D | Page 6 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions: VS = ±5 V, TA = 25°C, RL = 1 kΩ tied to ground unless otherwise noted. Refer to Figure 63 through Figure 66 for
component values and gain configurations.
FREQUENCY (MHz)
1
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
10
100
1000
G = +20
G = +5
G = +2
G = +10
G = –1
VOUT = 0.2V p-p
VS = ±5V
RLOAD = 1k
Figure 5. Small Signal Frequency Response for Various Gains (SOIC)
FREQUENCY (MHz)
1
7
10
9
8
14
13
12
11
16
15
17
10
100
1000
G = +5
VS = ±5V
VOUT = 0.2V p-p
RL = 100, SOIC
RL = 1k, SOIC
RL = 100, CSP
RL = 1k, CSP
Figure 6. Small Signal Frequency Response for Various Load Resistors
FREQUENCY (MHz)
6
5
4
3
2
1
10
9
8
7
11
1000
1
10
100
G = +2
VS = ±5V
RL = 1k
+125°C
+85°C
–40°C
+25°C
VOUT = 0.2V p-p
Figure 7. Small Signal Frequency Response for Various Temperatures (SOIC)
FREQUENCY (MHz)
1
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
10
100
1000
G = +20
G = –1
G = +2
G = +5
G = +10
VOUT = 0.2V p-p
VS = ±5V
RLOAD = 1k
Figure 8. Small Signal Frequency Response for Various Gains (LFCSP)
FREQUENCY (MHz)
1
7
10
9
8
14
13
12
11
16
15
17
10
100
1000
G = +5
RL = 1k
VOUT = 0.2V p-p
VS = ±2.5V, CSP
VS = ±2.5V, SOIC
VS = ±5V, SOIC
VS = ±5V, CSP
Figure 9. Small Signal Frequency Response for Various Supply Voltages
FREQUENCY (MHz)
6
5
4
3
2
1
10
9
8
7
11
1000
1
10
100
G = +2
VS = ±5V
RL = 1k
+125°C
+25°C
–40°C
+85°C
VOUT = 0.2V p-p
Figure 10. Small Signal Frequency Response for Various Temperatures (LFCSP)


Similar Part No. - AD8099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099 AD-AD8099 Datasheet
515Kb / 28P
   1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
AD8099 AD-AD8099 Datasheet
632Kb / 28P
   1 nV/?숰z, Low Power
REV. B
AD8099 AD-AD8099 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
AD8099ACP-R2 AD-AD8099ACP-R2 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
More results

Similar Description - AD8099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
   3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
AD8045 AD-AD8045 Datasheet
667Kb / 24P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com