Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2578IPWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2578IPWG4
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2578IPWG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC2578IPWG4 Datasheet HTML 1Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 2Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 3Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 4Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 5Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 6Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 7Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 8Page - Texas Instruments TLC2578IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
5
WWW.TI.COM
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, GND to AVDD and DVDD
−0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
−17 V to 17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input current
100 mA MAX
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage
AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1.16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under electrical characteristics and timing
characteristics is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
general electrical characteristics over recommended operating free-air temperature range,
single-ended input, normal long sampling, 200 KSPS, AVDD = 5 V, VREFP = 4 V, VREFM = 0 V,
SCLK frequency = 25 MHz, fixed channel at CONV mode 00, analog input signal source resistance
= 25
Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Digital Input
VIH
High-level digital input voltage
DVDD = 5 V
3.8
V
VIH
High-level digital input voltage
DVDD = 3 V
2.1
V
VIL
Low-level digital input voltage
DVDD = 5 V
0.8
V
VIL
Low-level digital input voltage
DVDD = 3 V
0.6
V
IIH
High-level digital input current
VI = DVDD
0.005
2.5
µA
IIL
Low-level digital input current
VI = DGND
−2.5
−0.005
µA
Input capacitance
20
25
pF
Digital Output
VOH
High-level digital output at 30 pF load
Io = −0.2 mA
DVDD = 5 V
4.2
V
VOH
High-level digital output at 30 pF load
Io = −0.2 mA
DVDD = 3 V
2.4
V
DVDD = 5 V
Io = 0.8 mA
0.4
VOL
Low-level digital output at 30 pF load
DVDD = 5 V
Io = 50 µA
0.1
V
VOL
Low-level digital output at 30 pF load
DVDD = 3 V
Io = 0.8 mA
0.4
V
DVDD = 3 V
Io = 50 µA
0.1
IOZ
Off-state output current
VO = DVDD
CS = DVDD
0.02
1
µA
IOZ
Off-state output current
(high-impedance state)
VO = DGND
CS = DVDD
−1
0.02
µA
Power Supply
AVDD
Supply voltage
4.75
5
5.5
V
DVDD
Supply voltage
2.7
5
5.5
V
ICC
Power supply cur-
AVDD current
AlCC
Conversion clock is internal OSC,
AVDD = 5.5 V − 4.5 V, CS = DGND,
4.2
5
mA
ICC
Power supply cur-
rent
DVDD current
DlCC
AVDD = 5.5 V − 4.5 V, CS = DGND,
Excluding bipolar input biasing current
1.6
2.0
mA
ICC
(autopwrdn):
Autopower-down power supply
For all digital inputs = DVDD or DGND,
AVDD = 5.5 V, Excluding bipolar input
SCLK OFF
20
µA
CC
(autopwrdn):
Autopower-down power supply
current
DD
AVDD = 5.5 V, Excluding bipolar input
biasing current, external reference
SCLK ON
175
230
µA
Operating temperature
−40
85
°C
† All typical values are at TA = 25°C.


Similar Part No. - TLC2578IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2578IPWG4 TI-TLC2578IPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2578IPWG4 TI1-TLC2578IPWG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
More results

Similar Description - TLC2578IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com