Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDS8425 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NDS8425
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS8425 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDS8425 Rev. C
-50
-25
0
25
50
75
100
125
150
0.92
0.96
1
1.04
1.08
1.12
T , JUNCTION TEMPERATURE (°C)
I = 250µA
D
J
0
0.3
0.6
0.9
1.2
0.0001
0.001
0.01
0.1
1
10
20
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
Figure 7. Breakdown Voltage
Variation with Temperature.
Figure 8. Body Diode Forward Voltage Variation
with Source Current and
Temperature.
Typical Electrical Characteristics (continued)
0
6
12
18
24
30
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
V
= 5V
DS
10
15
I
= 7.4A
D
0.1
0.2
0.5
1
2
5
10
20
100
300
500
1000
2000
3000
4000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
G
D
S
VDD
R
L
V
V
IN
OUT
V
GS
DUT
R
GEN
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Figure 11. Switching Test Circuit.
Figure 12. Switching Waveforms.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn