Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NDS8410S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NDS8410S
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS8410S Datasheet(HTML) 6 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NDS8410S Rev.C
Figure 13. Transconductance Variation with Drain
Current and Temperature.
Figure 16. Maximum Safe Operating Area.
Typical Electrical and ThermalCharacteristics (continued)
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= See note 1c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0
0 .2
0 .4
0 .6
0 .8
1
4
5
6
7
8
9
10
2oz COPPER MOUNTING PAD AREA (in
)
2
1b
1c
4.5"x5" FR-4 Board
T
= 25 C
Still Air
V
= 10V
A
o
GS
1a
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
A
o
0.1
0.2
0.5
1
2
5
10
20
30
50
0.05
0.1
0.5
1
5
10
30
50
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
10s
V
= 10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
θJA
GS
A
1ms
100µs
Figure 15. Maximum Steady- State Drain
Current versus Copper Mounting Pad
Area.
Figure 14. SO-8 Maximum Steady-State Power
Dissipation versus Copper Mounting Pad
Area.
0
6
12
18
24
30
0
6
12
18
24
30
I , DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
= 10V
DS
125°C
Figure 17. Transient Thermal Response Curve.
Note:
Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn