Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NDS8410S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NDS8410S
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDS8410S Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NDS8410S Rev.C
0
0.5
1
1.5
2
2.5
3
0
6
12
18
24
30
V
, DRAIN-SOURCE VOLTAGE (V)
5.0
4.5
V
=10V
GS
DS
3.5
4.0
5.5
6.0
0
6
12
18
24
30
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
D
V
= 4.0V
GS
4.5
5.0
5.5
6.0
7.0
10
Typical Electrical Characteristics
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I
= 8.6A
D
0
5
10
15
20
25
30
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
I
, DRAIN CURRENT (A)
D
V
= 10V
GS
T = 125°C
J
25°C
-55°C
2
2.5
3
3.5
4
4.5
5
5.5
6
0
8
16
24
32
40
V
, GATE TO SOURCE VOLTAGE (V)
V
= 10V
DS
GS
T
= -55°C
J
25°C
-125°C
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I
= 250µA
D
V
= V
GS
DS
Figure 6. Gate Threshold Variation
with Temperature.
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Drain Current and Temperature.
Figure 5. Transfer Charateristics.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn