Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP075N15N3GXKSA1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP075N15N3GXKSA1
Description  OptiMOS 3 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP075N15N3GXKSA1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP075N15N3GXKSA1 Datasheet HTML 1Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 2Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 3Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 4Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 5Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 6Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 7Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 8Page - Infineon Technologies AG IPP075N15N3GXKSA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPB072N15N3 G
IPP075N15N3 G
IPI075N15N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
-85B
=1<B
5C9
CD
1>3 5 :E>3 D
9
? >3 1C5
R `T@8
%
%
(&-
A'K
R `T@6
=9
>9
=1<6? ? D
@B
9
>D
 
 3 = 3 ? ? <9
>7 1B
51
+#
%
%
,(
Electrical characteristics,
1DT V   T  E><5CC? D85BG9C5 C@53 96954
Static characteristics
 B
19
>C? EB
3 5 2 B
51;4? G> F? <D
175
V "7G#9HH V =H .  I 9=
)-(
%
%
J
!1D
5 D
8B
5C8? <4 F? <D
175
V =H"`T#
V 9H4V =H I 9   V 
*
+
,
05B
? 71D
5 F? <D
175 4B
19
> 3 EB
B
5>D
I 9HH
V 9H .  V =H . 
T V   T
%
(&)
)
r6
V 9H .  V =H . 
T V  T
%
)(
)((
!1D
5C? EB
3 5 <51;175 3 EB
B
5>D
I =HH
V =H  .  V 9H .
%
)
)((
Z6
 B
19
>C? EB
3 5 ? >CD
1D
5 B
5C9
CD
1>3 5
R 9H"[Z#
V =H .  I 9  
-(    -(    
%
.&*
/&-
Y"
V =H .  I 9  
"ID*.+#
%
-&0
/&*
V =H  .  I 9   
-(    -(    
%
.&,
/&/
V =H  .  I 9   
"ID*.+#
%
.&(
/&,
!1D
5 B
5C9
CD
1>3 5
R =
%
*&+
%
"
I^MZ_O[ZPaO`MZOQ
g R_
gV 9Hg5*gI 9gR 9H"[Z#YMd
I 9 
.-
)+(
%
H
Values
-85B
=1<B
5C9
CD
1>3 5 :E>3 D
9
? >
MYNUQZ`
+#  5F935 ? > == H == H  == 5@? HI ) 
+  G9
D
8  3 =
* ? >5 <1I5B V = D893; 3 ? @@5B1B51 6? B4B19>
3 ? >>53 D
9
? > )   9
CF5B
D
9
3 1<9
> CD
9
<<19
B
+ 5F  
@175 
 


Similar Part No. - IPP075N15N3GXKSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP075N15N3G INFINEON-IPP075N15N3G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
IPP075N15N3G INFINEON-IPP075N15N3G Datasheet
744Kb / 11P
   3 Power-Transistor
2010-04-19 revision:2.06
More results

Similar Description - IPP075N15N3GXKSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA057N06N3-G INFINEON-IPA057N06N3-G Datasheet
551Kb / 9P
   OptiMOS 3 Power-Transistor
2010-05-03 revision:2.0
IPB107N20N3G INFINEON-IPB107N20N3G_10 Datasheet
739Kb / 11P
   OptiMOS 3 Power-Transistor
2010-11-03 revision:2.2
IPI037N06L3-G INFINEON-IPI037N06L3-G Datasheet
999Kb / 11P
   OptiMOS 3 Power-Transistor
2009-12-16 rev 2.7
IPP062NE7N3G INFINEON-IPP062NE7N3G Datasheet
544Kb / 9P
   OptiMOS??3 Power-Transistor
2010-04-12 revision:2.0
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
IPD031N06L3G INFINEON-IPD031N06L3G Datasheet
221Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
IPA100N08N3G INFINEON-IPA100N08N3G Datasheet
285Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-21
IPD053N06N3G INFINEON-IPD053N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com