Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA211 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211 Datasheet(HTML) 2 Page - Texas Instruments

  OPA211 Datasheet HTML 1Page - Texas Instruments OPA211 Datasheet HTML 2Page - Texas Instruments OPA211 Datasheet HTML 3Page - Texas Instruments OPA211 Datasheet HTML 4Page - Texas Instruments OPA211 Datasheet HTML 5Page - Texas Instruments OPA211 Datasheet HTML 6Page - Texas Instruments OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
Supply Voltage
VS = (V+) – (V–)
40
V
Input Voltage
(V–) – 0.5 to (V+) + 0.5
V
Input Current (Any pin except power-supply pins)
±10
mA
Output Short-Circuit(2)
Continuous
Operating Temperature
(TA)
–55 to +150
°C
Storage Temperature
(TA)
–65 to +150
°C
Junction Temperature
(TJ)
200
°C
Human Body Model (HBM)
3000
V
ESD Ratings
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Short-circuit to VS/2 (ground in symmetrical dual supply setups), one amplifier per package.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
SINGLE
SHUTDOWN
DUAL
DESIGNATOR
MARKING
Standard Grade
DFN-8 (3mm × 3mm)
ü
ü
DRG
OBDQ
MSOP-8
ü
ü
DGK
OBCQ
OPA211AI
A TI OPA
SO-8
ü
D
211
DFN-8 (3mm × 3mm)
ü
DRG
OBHQ
OPA2211AI
A TI OPA
SO-8 PowerPAD
ü
DDA
2211
High Grade
DFN-8 (3mm × 3mm)
ü
ü
DRG
OBDQ
MSOP-8
ü
ü
DGK
OBCQ
OPA211I
TI OPA
SO-8
ü
D
211
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211


Similar Part No. - OPA211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI-OPA211 Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211 TI-OPA211 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - OPA211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211 Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com