Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7242ADWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7242ADWG4
Description  1-Mbps QUAD DIGITAL ISOLATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7242ADWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7242ADWG4 Datasheet HTML 2Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 3Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 4Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 5Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 6Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 7Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 8Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 9Page - Texas Instruments ISO7242ADWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISO7240A
ISO7241A
ISO7242A
SLLS905E – MAY 2008 – REVISED JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VCC1 at 3.3-V, VCC2 at 5-V
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
0.5
1
ISO7240A
VI = VCC or 0 V, All channels, no load, EN2 at 3 V
mA
1 Mbps
1
2
Quiescent
4
7
ICC1
ISO7241A
VI = VCC or 0 V, All channels, no load, EN1 at 3 V, EN2 at 3 V
mA
1 Mbps
4
7
Quiescent
6
10
ISO7242A
VI = VCC or 0 V, All channels, no load, EN1 at 3 V, EN2 at 3 V
mA
1 Mbps
6
10
Quiescent
15
22
ISO7240A
VI = VCC or 0 V, All channels, no load, EN2 at 3 V
mA
1 Mbps
16
22
Quiescent
13
20
ICC2
ISO7241A
VI = VCC or 0 V, All channels, no load, EN1 at 3 V, EN2 at 3 V
mA
1 Mbps
13
20
Quiescent
10
16
ISO7242A
VI = VCC or 0 V, All channels, no load, EN1 at 3 V, EN2 at 3 V
mA
1 Mbps
10
16
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current EN at VCC, Single channel
0
mA
ISO7240A
VCC – 0.4
IOH = –4 mA, See Figure 1
VOH
High-level output voltage
ISO724x (5-V side)
VCC – 0.8
V
IOH = –20 mA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 mA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
mA
IIL
Low-level input current
–10
CI
Input capacitance to
IN at VCC, VI = 0.4 sin (4E6pt)
2
pF
ground
Common-mode transient
VI = VCC or 0 V, See Figure 4
CMTI
25
50
kV/ms
immunity
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V.
SWITCHING CHARACTERISTICS: VCC1 at 3.3-V and VCC2 at 5-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
40
100
See Figure 1
ns
PWD
Pulse-width distortion(1) |tPHL – tPLH|
11
2.5
tsk(o)
Channel-to-channel output skew (2)
ns
0
1
tr
Output signal rise time
2
See Figure 1
ns
tf
Output signal fall time
2
tPHZ
Propagation delay, high-level-to-high-impedance output
15
20
tPZH
Propagation delay, high-impedance-to-high-level output
15
20
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
20
tPZL
Propagation delay, high-impedance-to-low-level output
15
20
tfs
Failsafe output delay time from input power loss
See Figure 3
12
ms
(1)
Also known as pulse skew
(2)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7240A ISO7241A ISO7242A
Not Recommended for New Designs


Similar Part No. - ISO7242ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7242ADW TI-ISO7242ADW Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242ADW TI-ISO7242ADW Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242ADWR TI-ISO7242ADWR Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242ADWR TI-ISO7242ADWR Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7242ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7241A-EP TI1-ISO7241A-EP Datasheet
450Kb / 17P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI86XX SKYWORKS-SI86XX Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com