Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125GW165 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G125GW165
Description  Bus buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G125GW165 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G125GW165 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G125GW165 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74LVC1G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 11 — 2 July 2012
7 of 20
NXP Semiconductors
74LVC1G125
Bus buffer/line driver; 3-state
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL
[3]
ten is the same as tPZH and tPZL
[4]
tdis is the same as tPLZ and tPHZ
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 10.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3.3
8.0
1.0
10.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.2
5.5
0.5
7
ns
VCC = 2.7 V
0.5
2.5
5.5
0.5
7
ns
VCC = 3.0 V to 3.6 V
0.5
2.1
4.5
0.5
6
ns
VCC = 4.5 V to 5.5 V
0.5
1.7
4.0
0.5
5.5
ns
ten
enable time
OE to Y; see Figure 9
[3]
VCC = 1.65 V to 1.95 V
1.0
4.1
9.4
1.0
12
ns
VCC = 2.3 V to 2.7 V
0.5
2.8
6.6
0.5
8.5
ns
VCC = 2.7 V
0.5
3.3
6.6
0.5
8.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.4
5.3
0.5
7
ns
VCC = 4.5 V to 5.5 V
0.5
2.1
5.0
0.5
6.5
ns
tdis
disable time
OE to Y; see Figure 9
[4]
VCC = 1.65 V to 1.95 V
1.0
4.3
9.2
1.0
12
ns
VCC = 2.3 V to 2.7 V
0.5
2.7
5.0
0.5
6.5
ns
VCC = 2.7 V
0.5
3.0
5.0
0.5
6.5
ns
VCC = 3.0 V to 3.6 V
0.5
3.1
5.0
0.5
6.5
ns
VCC = 4.5 V to 5.5 V
0.5
2.2
4.2
0.5
5.5
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5]
output enabled
-
25
-
-
-
pF
output disabled
-
6
-
-
-
pF


Similar Part No. - 74LVC1G125GW165

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125GW125 PHILIPS-74LVC1G125GW125 Datasheet
374Kb / 20P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
More results

Similar Description - 74LVC1G125GW165

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com