Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA749213TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA749213TR
Description  50 W 50 W dual BTL class-D audio amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749213TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA749213TR Datasheet HTML 4Page - STMicroelectronics TDA749213TR Datasheet HTML 5Page - STMicroelectronics TDA749213TR Datasheet HTML 6Page - STMicroelectronics TDA749213TR Datasheet HTML 7Page - STMicroelectronics TDA749213TR Datasheet HTML 8Page - STMicroelectronics TDA749213TR Datasheet HTML 9Page - STMicroelectronics TDA749213TR Datasheet HTML 10Page - STMicroelectronics TDA749213TR Datasheet HTML 11Page - STMicroelectronics TDA749213TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Pin description
TDA7492
8/32
Doc ID 14926 Rev 5
2.2
Pin list
Table 2.
Pin description list
Number
Name
Type
Description
1
SUB_GND
PWR
Connect to the frame
2,3
OUTPB
O
Positive PWM for right channel
4,5
PGNDB
PWR
Power stage ground for right channel
6,7
PVCCB
PWR
Power supply for right channel
8,9
OUTNB
O
Negative PWM output for right channel
10,11
OUTNA
O
Negative PWM output for left channel
12,13
PVCCA
PWR
Power supply for left channel
14,15
PGNDA
PWR
Power stage ground for left channel
16,17
OUTPA
O
Positive PWM output for left channel
18
PGND
PWR
Power stage ground
19
VDDPW
O
3.3-V (nominal) regulator output referred to ground for power
stage
20
STBY
I
Standby mode control
21
MUTE
I
Mute mode control
22
INPA
I
Positive differential input of left channel
23
INNA
I
Negative differential input of left channel
24
ROSC
O
Master oscillator frequency-setting pin
25
SYNCLK
I/O
Clock in/out for external oscillator
26
VDDS
O
3.3-V (nominal) regulator output referred to ground for signal
blocks
27
SGND
PWR
Signal ground
28
DIAG
O
Open-drain diagnostic output
29
SVR
O
Supply voltage rejection
30
GAIN0
I
Gain setting input 1
31
GAIN1
I
Gain setting input 2
32
INPB
I
Positive differential input of right channel
33
INNB
I
Negative differential input of right channel
34
VREF
O
Half VDDS (nominal) referred to ground
35
SVCC
PWR
Signal power supply
36
VSS
O
3.3-V (nominal) regulator output referred to power supply
-
EP
-
Exposed pad for heatsink, to be connected to GND


Similar Part No. - TDA749213TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492ETR STMICROELECTRONICS-TDA7492ETR Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
More results

Similar Description - TDA749213TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
September 2011 Rev 2
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
logo
Sanyo Semicon Device
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
   4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com